công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD3552RFMC2Z bảng dữ liệu(PDF) 55 Page - Analog Devices

tên linh kiện EVAL-AD3552RFMC2Z
Giải thích chi tiết về linh kiện  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3552RFMC2Z bảng dữ liệu(HTML) 55 Page - Analog Devices

Back Button EVAL-AD3552RFMC2Z Datasheet HTML 51Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 52Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 53Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 54Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 55Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 56Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 57Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 58Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 60 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. 0 | 55 of 60
Table 45. Bit Descriptions for INPUT_PAGE_16B
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
INPUT_PAGE
Input Page Data. Following a write to this register, the DAC code loaded into this register
is copied into the input register if the SEL_CH0 bit is set in the CH_SELECT_16B
register.
0x0
R/W
Software LDAC Register, Fast Mode
Address: 0x32, Reset: 0x00, Name: SW_LDAC_16B
This register is used to trigger a data transfer between the input register and the DAC register. It is the software equivalent of pulsing the LDAC
line low.
Table 46. Bit Descriptions for SW_LDAC_16B
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
SW_LDAC_CH0
Software LDAC for Channel 0. Setting this bit transfers contents from the
CH0_INPUT_16B register to the CH0_DAC_16B register. This bit automatically resets
after being written.
0x0
W
0 No operation.
1 Load DAC 0.
Input Register for Channel 0, Fast Mode
Address: 0x33, Reset: 0x0000, Name: CH0_INPUT_16B
This register contains the data to be transferred to the DAC register using one of the various trigger options, hardware LDAC, software LDAC,
or automatic transfer.
Table 47. Bit Descriptions for CH0_INPUT_16B
Bits
Bit Name
Settings
Description
Reset
Access
[15:0]
INPUT_DATA0
Channel 0 Input Data.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com