công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EVAL-AD3552RFMC2Z bảng dữ liệu(PDF) 46 Page - Analog Devices

tên linh kiện EVAL-AD3552RFMC2Z
Giải thích chi tiết về linh kiện  16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3552RFMC2Z bảng dữ liệu(HTML) 46 Page - Analog Devices

Back Button EVAL-AD3552RFMC2Z Datasheet HTML 42Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 43Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 44Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 45Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 46Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 47Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 48Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 49Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Data Sheet
AD3551R
REGISTERS
analog.com
Rev. 0 | 46 of 60
Table 31. Bit Descriptions for INTERFACE_CONFIG_C
Bits
Bit Name
Settings
Description
Reset
Access
5
STRICT_REGISTER_ACCESS
Access Mode to Multibyte Registers. This bit is read only. Register
write transactions to multibyte registers must include data for
each of its individual bytes for the register to be updated. Failure
to write data to the entire multibyte register (entity) results in
the register contents not being updated in memory, and the
PARTIAL_REGISTER_ACCESS flag in the INTERFACE_STATUS_A
register being set.
0x1
R
1 Strict access mode. Multibyte registers require all bytes to be read/
written in full to avoid the PARTIAL_REGISTER_ACCESS bit being
flagged.
[4:2]
RESERVED
Reserved.
0x0
R
[1:0]
CRC_ENABLE_B
Inverted CRC Enable. This field must be written with the
complementary value of the CRC_ENABLE field.
0x3
R/W
11 CRC disabled.
10 CRC enabled.
Interface Status A Register
Address: 0x11, Reset: 0x00, Name: INTERFACE_STATUS_A
This register flags several error conditions related to SPI communication and register addressing.
Table 32. Bit Descriptions for INTERFACE_STATUS_A
Bits
Bit Name
Settings
Description
Reset
Access
7
INTERFACE_NOT_READY
Interface Not Ready Error Flag. Indicates if the device
interface was not ready for a transaction when an SPI
read or write transaction was requested by the digital host
(master). This flag bit is set if an SPI frame begins before
the device is ready after a power-on reset. This error flag
is write‑1‑to‑clear (when this error flag is set, it can only
be reset by writing a 1 to this bit).
0x0
R/W1C
0 Interface not ready error not detected.
1 Interface not ready error detected.
6
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com