| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
28HS01GTAM03 bảng dữ liệu(PDF) 19 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
28HS01GTAM03 bảng dữ liệu(HTML) 19 Page - Infineon Technologies AG |
|
19 / 138 page ![]() Datasheet 19 of 138 002-18216 Rev. *W 2022-01-18 256Mb/512Mb/1Gb SEMPER™ Flash Octal interface, 1.8V/3.0V Interface overview Figure 24 Octal SDR program transaction with command, address, and data input Figure 25 Octal DDR program transaction with command, address, and data input[3] Figure 26 Octal DDR program transaction with command, address, and single byte data input[3] Command CK CS# DQ[7:0] Input Data CMD [7:0] CMD [7:0] ADDR [31:24] MSb LSb DIN A [7:0] DIN A+1 [7:0] ADDR [7:0] Address DIN A+n [7:0] MSB LSB MSb LSb Command CK CS# DQ[7:0] Input Data CMD [7:0] CMD [7:0] ADDR [31:24] MSb LSb DIN A [7:0] DIN A+1 [7:0] ADDR [7:0] Address DIN A+n [7:0] MSB LSB MSb LSb Command CK CS# DQ[7:0] Input Data CMD [7:0] CMD [7:0] ADDR [31:24] MSb LSb DIN A [7:0] DIN A+1 [7:0] ADDR [23:16] ADDR [7:0] Address DIN A+n [7:0] MSb LSb ADDR [15:8] Command CK CS# DQ[7:0] Input Data CMD [7:0] CMD [7:0] ADDR [31:24] MSb LSb DIN A [7:0] DIN A+1 [7:0] ADDR [23:16] ADDR [7:0] Address DIN A+n [7:0] MSb LSb ADDR [15:8] Note 3. The LSb of the address always be zero in any Octal DDR transactions with the address input. Command CK CS# DQ[7:0] Input Data CMD [7:0] CMD [7:0] ADDR [31:24] MSb LSb DIN A [7:0] ADDR [23:16] ADDR [7:0] Address MSb LSb ADDR [15:8] Command CK CS# DQ[7:0] Input Data CMD [7:0] CMD [7:0] ADDR [31:24] MSb LSb DIN A [7:0] ADDR [23:16] ADDR [7:0] Address MSb LSb ADDR [15:8] |