| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
28HS01GTAM03 bảng dữ liệu(PDF) 34 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
28HS01GTAM03 bảng dữ liệu(HTML) 34 Page - Infineon Technologies AG |
|
34 / 138 page ![]() Datasheet 34 of 138 002-18216 Rev. *W 2022-01-18 256Mb/512Mb/1Gb SEMPER™ Flash Octal interface, 1.8V/3.0V Features Figure 37 Infineon® Endurance Flex architecture overview (Continued) Table 11 Region definitions[11, 12, 13, 14] Region Lower limit Upper limit 0 Sector 0 Address Pointer 1 1 Address Pointer 1 Address Pointer 2 2 Address Pointer 2 Address Pointer 3 3 Address Pointer 3 Address Pointer 4 4 Address Pointer 4 Highest Sector Notes 11. The pointer addresses must obey the following rules: Pointer#4 address Pointer#3 address Pointer#3 address Pointer#2 address Pointer#2 address Pointer#1 address 12. 4KB sectors are excluded. 13. It is required that the high data endurance and long data retention regions are configured at the time the device is first powered-up by the customer. Once configured, they can never be changed again. 14. The minimum size of any high endurance region is 20 sectors. |