| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
28HS01GTAM03 bảng dữ liệu(PDF) 74 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
28HS01GTAM03 bảng dữ liệu(HTML) 74 Page - Infineon Technologies AG |
|
74 / 138 page ![]() Datasheet 74 of 138 002-18216 Rev. *W 2022-01-18 256Mb/512Mb/1Gb SEMPER™ Flash Octal interface, 1.8V/3.0V Features 4.15.3 Power up and power down sequence The following power sequence needs to be followed for the guaranteed reliable operation of HL-T/HS-T devices: •Apply VCC before VCCQ during power up sequence. VCC and VCCQ can be applied simultaneously during power up, as long as VCCQ does not exceed VCC. • During the power down mode, reduce the VCCQ before VCC. VCC and VCCQcan be reduced simultaneously during power down, as long as VCCQ does not exceed VCC. • It is recommended to keep VCCQ VCC. Figure 65 Power up and power down sequence VCC VCCQ Power Up Power Down Normal Operation tVR tVF VCC VCCQ Power Up Power Down Normal Operation tVR tVF |