công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-15573 bảng dữ liệu(PDF) 20 Page - SparkFun Electronics

tên linh kiện DEV-15573
Giải thích chi tiết về linh kiện  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 bảng dữ liệu(HTML) 20 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 16Page - SparkFun Electronics DEV-15573 Datasheet HTML 17Page - SparkFun Electronics DEV-15573 Datasheet HTML 18Page - SparkFun Electronics DEV-15573 Datasheet HTML 19Page - SparkFun Electronics DEV-15573 Datasheet HTML 20Page - SparkFun Electronics DEV-15573 Datasheet HTML 21Page - SparkFun Electronics DEV-15573 Datasheet HTML 22Page - SparkFun Electronics DEV-15573 Datasheet HTML 23Page - SparkFun Electronics DEV-15573 Datasheet HTML 24Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Output in the Arduino Serial Monitor.
Important things to know about ECC signatures:
1. ECC signatures are created using a secret private key and the elliptical curve algorithm. For the purpose of
this example, we can just ignore the printout of the keys public key at the top - this is part of the
printInfo() function. As a side note, we will never know the devices private key. The private key for this
device is created, stored and locked up inside the device.
2. ECC signatures are 64 bytes long.
3. Contrary to most definitions of signatures, ECC signatures are different every time! ECCs include intentional
randomness in the calculation, and so it will always produce a new unique signature. However, every
signature that it creates will pass verification (as we will later see in example 3). Try hitting reset on your
Artemis a few times and watch the signature values change. Same message + same private key = new
signature .
4. With the ATECC508A, we can only send it 32 bytes of data to sign. If you need to sign something larger,
then it is recommended that you create a 32-byte hash of the data first, then you can sign the hash.
Basically, when you send a bunch of data into a hashing algorithm (such as SHA256), it will always respond
with a unique 32 byte digest. It is very similar to creating a digital signature, however it does not require a
key, so anyone can calculate the hash of any data. You may find that for many projects, 32 bytes is enough
data, so for now, there's no need to pursue hashes.
The Code
Now lets take a quick look at the important parts of the example code. There are two things worthy of note:
At the very top, we define the message we want to sign.
// array to hold our 32 bytes of message. Note, it must be 32 bytes, no more or less.
uint8_t message[32] = {
0x00, 0x01, 0x02, 0x03, 0x04, 0x05, 0x06, 0x07, 0x08, 0x09, 0x0A, 0x0B, 0x0C, 0x0D, 0x0E, 0x0F
,
0x10, 0x11, 0x12, 0x13, 0x14, 0x15, 0x16, 0x17, 0x18, 0x19, 0x1A, 0x1B, 0x1C, 0x1D, 0x1E, 0x1F
};
Not much to say here, other than it's a nice array of 32 unsigned 8 bit integers. We chose to make the values
simply count from 0 to 32, but these could really be anything.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31