công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-15573 bảng dữ liệu(PDF) 6 Page - SparkFun Electronics

tên linh kiện DEV-15573
Giải thích chi tiết về linh kiện  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 bảng dữ liệu(HTML) 6 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 2Page - SparkFun Electronics DEV-15573 Datasheet HTML 3Page - SparkFun Electronics DEV-15573 Datasheet HTML 4Page - SparkFun Electronics DEV-15573 Datasheet HTML 5Page - SparkFun Electronics DEV-15573 Datasheet HTML 6Page - SparkFun Electronics DEV-15573 Datasheet HTML 7Page - SparkFun Electronics DEV-15573 Datasheet HTML 8Page - SparkFun Electronics DEV-15573 Datasheet HTML 9Page - SparkFun Electronics DEV-15573 Datasheet HTML 10Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Power
There is a power status LED to help make sure that your Cryptographic Co-processor Breakout is getting power.
You can power the board either through the polarized Qwiic connector system or the breakout pins (3.3V and
GND) provided. This Qwiic system is meant to use 3.3V, be sure that you are NOT using another voltage when
using the Qwiic system.
Power connections.
LED
The board includes a red power LED to indicate you have power plugged in properly. Note, there is a jumper on
the back to disconnect this from the circuit. This is useful if you really want to conserve current consumption on
your system.
Power LED.
ATECC508A Cryptographic Co-Processor
The co-processor on this board is the Microchip ATECC508A. It's primary features include creating/storing ECC
keys, creating digital signatures and verifying them. It is also capable of doing many other cryptographic processes
includeing SHA-256 hash, Diffie-Hellman Key Exchange, and high quality random number generation. For more
details on the ATECC508A cryptographic chip, check out the datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31