công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DEV-15573 bảng dữ liệu(PDF) 12 Page - SparkFun Electronics

tên linh kiện DEV-15573
Giải thích chi tiết về linh kiện  Cryptographic Co-Processor ATECC508A (Qwiic) Hookup Guide
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPARKFUN [SparkFun Electronics]
Trang chủ  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15573 bảng dữ liệu(HTML) 12 Page - SparkFun Electronics

Back Button DEV-15573 Datasheet HTML 8Page - SparkFun Electronics DEV-15573 Datasheet HTML 9Page - SparkFun Electronics DEV-15573 Datasheet HTML 10Page - SparkFun Electronics DEV-15573 Datasheet HTML 11Page - SparkFun Electronics DEV-15573 Datasheet HTML 12Page - SparkFun Electronics DEV-15573 Datasheet HTML 13Page - SparkFun Electronics DEV-15573 Datasheet HTML 14Page - SparkFun Electronics DEV-15573 Datasheet HTML 15Page - SparkFun Electronics DEV-15573 Datasheet HTML 16Page - SparkFun Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Don't forget, if you've never connected an CH340 device to your computer before, you may need to install drivers
for the USB-to-serial converter. Check out our section on How to Install CH340 Drivers for help with the
installation.
Arduino Library
Note: This code/library has been written and tested on Arduino IDE version 1.8.10. Otherwise, make sure
you are using the latest stable version of the Arduino IDE on your desktop.
If this is your first time using Arduino, please review our tutorial on installing the Arduino IDE. If you have not
previously installed an Arduino library, please check out our installation guide.
We've written a library to easily get setup and start using the Cryptographic Co-processor ATECC508A. If you'd
like to jump right into signing and verifying, then feel free to skip ahead to Example 1: Configuration However, it's
not a bad idea to familiarize yourself a bit with the source code behind the examples, so let's take a closer look at
the available functions in the library. You can install this library through the Arduino Library Manager. Search for
SparkFun_Cryptographic and you should be able to install the latest version. If you prefer manually downloading
the libraries from the GitHub repository, you can grab them here:
DOWNLOAD THE SPARKFUN ATECC508A ARDUINO LIBRARY (ZIP)
Let's get started by looking at the functions that set up the ATECC508A.
Setup
.begin() or .begin(i2caddr, TwoWire)
Creates a connection to an I C device over the I C bus using the default or specified I C address.
Input: i2caddr
How to Install CH340 Drivers
AUGUST 6, 2019
How to install CH340 drivers (if you need them) on Windows, Mac OS X, and
Linux.
2
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31