công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG413FDJ bảng dữ liệu(PDF) 12 Page - Maxim Integrated Products

tên linh kiện DG413FDJ
Giải thích chi tiết về linh kiện  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413FDJ bảng dữ liệu(HTML) 12 Page - Maxim Integrated Products

Back Button DG413FDJ Datasheet HTML 8Page - Maxim Integrated Products DG413FDJ Datasheet HTML 9Page - Maxim Integrated Products DG413FDJ Datasheet HTML 10Page - Maxim Integrated Products DG413FDJ Datasheet HTML 11Page - Maxim Integrated Products DG413FDJ Datasheet HTML 12Page - Maxim Integrated Products DG413FDJ Datasheet HTML 13Page - Maxim Integrated Products DG413FDJ Datasheet HTML 14Page - Maxim Integrated Products DG413FDJ Datasheet HTML 15Page - Maxim Integrated Products DG413FDJ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Negative Fault Condition
When the signal on NO_ (or NC_) and COM_ exceeds
V- by about 50mV, the low-fault comparator output is high,
turning off FETs N1 and P1. This makes the NO_ (or NC_)
and COM_ pins high impedance regardless of the switch
state. If the switch state is off, all FETs are turned off and
both NO_ (or NC_) and COM_ are high impedance.
Transient Fault Response and Recovery
When a fast rise-time and fall-time transient on NO_,
NC_, or COM_ exceeds V+ or V-, the output follows the
input to the supply rail with only a few nanoseconds delay.
This delay is due to the switch on-resistance and circuit
capacitance to ground. When the input transient returns
to within the supply rails, however, there is a longer output
recovery time delay. For positive faults, the recovery time
is typically 1μs. For negative faults, the recovery time is
typically 0.5μs. These values depend on the output resis-
tance and capacitance, and are not production tested
or guaranteed. The delays are not dependent on the
fault amplitude. Higher load resistance and capacitance
increase recovery times.
Fault-Protection Voltage and Power Off
The maximum fault voltage on the NO_ (or NC_) and
COM_ pins is ±36V with power applied and ±40V with
power off.
Failure Modes
Exceeding the fault-protection voltage limits on NO_,
NC_, or COM_, even for very short periods, can cause
the device to fail. See the Absolute Maximum Ratings.
The failure modes may not be obvious, and failure in one
switch may or may not affect other switches in the same
package.
Ground
There is no galvanic connection between the analog sig-
nal paths and GND. The analog signal paths consist of
an N-channel and P-channel MOSFET with their sources
and drains paralleled and their gates driven out of phase
to V+ and V- by the logic-level translators. However, the
potential of the analog signals must be defined or at least
limited with respect to GND. V+ and GND power the inter-
nal logic and logic-level translators and set the input logic
thresholds. The logiclevel translators convert the logic
levels to switched V+ and V- signals to drive the gates of
the analog switches. This drive signal is the only connec-
tion between the power supplies and the analog signals.
IN_ Logic-Level Thresholds
The logic-level thresholds are CMOS and TTL compatible
when V+ is +15V. As V+ is raised, the threshold increases
slightly, and when V+ reaches 25V, the level threshold
is about 2.3V, above the TTL output high-level minimum
of 2.4V, but still compatible with CMOS outputs (see the
Typical Operating Characteristics). V- has no effect on the
logic-level thresholds.
Bipolar Supplies
The DG411F/DG412F/DG413F operate with bipolar sup-
plies between ±4.5V and ±20V. The V+ and V- supplies
need not be symmetrical, but their difference cannot
exceed the absolute maximum rating of 44V.
Single Supply
The DG411F/DG412F/DG413F operate from a single
supply between +9V and +36V when V- is connected to
GND.
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com