công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG413FDJ bảng dữ liệu(PDF) 7 Page - Maxim Integrated Products

tên linh kiện DG413FDJ
Giải thích chi tiết về linh kiện  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413FDJ bảng dữ liệu(HTML) 7 Page - Maxim Integrated Products

Back Button DG413FDJ Datasheet HTML 3Page - Maxim Integrated Products DG413FDJ Datasheet HTML 4Page - Maxim Integrated Products DG413FDJ Datasheet HTML 5Page - Maxim Integrated Products DG413FDJ Datasheet HTML 6Page - Maxim Integrated Products DG413FDJ Datasheet HTML 7Page - Maxim Integrated Products DG413FDJ Datasheet HTML 8Page - Maxim Integrated Products DG413FDJ Datasheet HTML 9Page - Maxim Integrated Products DG413FDJ Datasheet HTML 10Page - Maxim Integrated Products DG413FDJ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
(TA = +25°C, unless otherwise noted.)
ON-RESISTANCE vs. VCOM AND TEMPERATURE
(DUAL SUPPLIES)
VCOM (V)
10
5
0
-5
-10
10
20
30
40
50
0
5
1
5
1
-
V+ = +15V
V- = -15V
TA = +85°C
TA = +25°C
TA = -40°C
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
VCOM (V)
30
24
18
12
6
20
40
60
80
100
0
6
3
0
V+ = +9V
V- = 0
V+ = +12V
V- = 0
V+ = +15V
V- = 0
V+ = +24V
V- = 0
V+ = +36V
V- = 0
V+ = +28V
V- = 0
ON-RESISTANCE vs. VCOM AND TEMPERATURE
(SINGLE SUPPLY)
VCOM (V)
10
8
6
4
2
20
40
60
80
100
0
2
1
0
V+ = +12V
V- = 0
TA = +85°C
TA = +25°C
TA = -40°C
ON/OFF-LEAKAGE CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
60
35
10
-15
0.1
1
10
100
1000
10,000
0.01
5
8
0
4
-
ICOM(ON)
ICOM(OFF)
INO(OFF),
INC(OFF)
DUAL SUPPLIES:
V+ = +15V, V- = -15V
CHARGE INJECTION vs. VCOM
VCOM (V)
10
5
0
-5
-10
-10
0
10
20
30
40
-20
5
1
5
1
-
DUAL SUPPLIES: ±15V
SINGLE
SUPPLY: +12V
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE° (C)
60
35
10
-15
100
200
300
400
500
0
5
8
0
4
-
DUAL SUPPLIES:
V+ = +15V, V- = -15V, VIN_ = +5V
I+
I-
IGND
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
VCOM (V)
15
10
5
0
-5
-10
-15
20
40
60
80
100
0
0
2
0
2
-
V+ = +5V
V- = -5V
V+ = +10V
V- = -10V
V+ = +15V
V- = -15V
V+ = +20V
V- = -20V
LOGIC-LEVEL THRESHOLD VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
35
30
25
20
15
10
1.5
2.0
2.5
3.0
1.0
0
4
5
DUAL OR SINGLE
SUPPLIES
TURN-ON/TURN-OFF TIMES
vs. SUPPLY VOLTAGE (DUAL SUPPLIES)
SUPPLY VOLTAGE (V+, V-)
15
10
50
100
150
200
250
300
0
0
2
5
tON
tOFF
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
Maxim Integrated │ 7
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com