công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DG413FDJ bảng dữ liệu(PDF) 11 Page - Maxim Integrated Products

tên linh kiện DG413FDJ
Giải thích chi tiết về linh kiện  Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXIM [Maxim Integrated Products]
Trang chủ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG413FDJ bảng dữ liệu(HTML) 11 Page - Maxim Integrated Products

Back Button DG413FDJ Datasheet HTML 7Page - Maxim Integrated Products DG413FDJ Datasheet HTML 8Page - Maxim Integrated Products DG413FDJ Datasheet HTML 9Page - Maxim Integrated Products DG413FDJ Datasheet HTML 10Page - Maxim Integrated Products DG413FDJ Datasheet HTML 11Page - Maxim Integrated Products DG413FDJ Datasheet HTML 12Page - Maxim Integrated Products DG413FDJ Datasheet HTML 13Page - Maxim Integrated Products DG413FDJ Datasheet HTML 14Page - Maxim Integrated Products DG413FDJ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Detailed Description
The DG411F/DG412F/DG413F are fault-protected CMOS
analog switches with unique operation and construction.
These switches differ considerably from traditional fault-
protection switches, with several advantages. First, they
are constructed with two parallel FETs, allowing very low
on-resistance when the switch is on. Second, they allow
signals on the NO_ or NC_ pins that are within, or slightly
beyond, the supply rails to be passed through the switch
to the COM_ terminal (or vice versa), allowing true rail-to-
rail signal operation. Third, the DG411F/DG412F/DG413F
have the same fault-protection performance on any of the
NO_, NC_, or COM_ switch inputs. Operation is identical
for both fault polarities. The fault protection extends to
±36V from GND with ±15V supplies.
During a fault condition, the particular overvoltage input
(COM_, NO_, NC_) pin becomes high impedance regard-
less of the switch state or load resistance. When power is
removed, the fault protection is still in effect. In this case,
the COM_, NO_, or NC_ terminals are a virtual open
circuit. The fault can be up to ±40V with power off. The
switches turn off when V+ is not powered, regardless of V-.
Pin Compatibility
These switches have identical pinouts to common non-
fault-protected CMOS switches. They allow for carefree
direct replacement in existing printed circuit boards since
the NO_, NC_, and COM_ pins of each switch are fault
protected.
Internal Construction
Internal construction is shown in Figure 1, with the ana-
log signal paths shown in bold. A single NO switch is
shown. The NC configuration is identical except the logic-
level translator becomes an inverter. The analog switch
is formed by the parallel combination of N-channel FET
(N1) and P-channel FET (P1), which are driven on and off
simultaneously according to the input fault condition and
the logic-level state.
Normal Operation
Two comparators continuously compare the voltage on
the COM_, NO_, and NC_ pins with V+ and V-. When the
signal on COM_, NO_, or NC_ is between V+ and V-, the
switch acts normally, with FETs N1 and P1 turning on and
off in response to IN_ signals. The parallel combination
of N1 and P1 forms a low-value resistor between NO_
(or NC_) and COM_ so that signals pass equally well in
either direction.
Positive Fault Condition
When the signal on NO_ (or NC_) and COM_ exceeds V+
by about 50mV, the high-fault comparator output is high,
turning off FETs N1 and P1. This makes the NO_ (or NC_)
and COM_ pins high impedance regardless of the switch
state. If the switch state is off, all FETs are turned off and
both NO_ (or NC_) and COM_ are high impedance.
PIN
NAME
FUNCTION
DG411F
DG412F
DG413F
1, 16, 9, 8
1, 16, 9, 8
1, 16, 9, 8
IN1, IN2, IN3, IN4
Logic Control Digital Inputs
2, 15, 10, 7
2, 15, 10, 7
2, 15, 10, 7
COM1, COM2, COM3,
COM4
Analog Switch Common Terminals
3, 14, 11, 6
—
—
NC1, NC2, NC3, NC4 Analog Switch Normally Closed Terminals
—
3, 14, 11, 6
—
NO1, NO2, NO3,
NO4
Analog Switch Normally Open Terminals
—
—
3, 6
NO1, NO4
Analog Switch Normally Open Terminals
—
—
14, 11
NC2, NC3
Analog Switch Normally Closed Terminals
4
4
4
V-
Negative-Supply Voltage Input. Connect to GND for single-
supply operation. Bypass with a 0.1µF capacitor to GND.
5
5
5
GND
Ground. Connect to digital ground.
12
12
12
N.C.
No Connection. Not internally connected.
13
13
13
V+
Positive-Supply Voltage Input. Bypass with a 0.1µF capacitor
to GND.
DG411F/DG412F/
DG413F
Quad, Rail-to-Rail, Fault-Protected,
SPST Analog Switches
www.maximintegrated.com
Maxim Integrated │ 11
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com