công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8580GEFV bảng dữ liệu(PDF) 17 Page - Wolfson Microelectronics plc

tên linh kiện WM8580GEFV
Giải thích chi tiết về linh kiện  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580GEFV bảng dữ liệu(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8580GEFV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
17
CONTROL INTERFACE OPERATION
Control of the WM8580 is implemented either in Hardware Control Mode or Software Control Mode.
The method of control is determined by the state of the HWMODE pin. If the HWMODE pin is low,
Software Control Mode is selected. If the HWMODE pin is high, Hardware Control Mode is selected.
The Software Control Interface is described below and Hardware Control Mode is described on page
69.
Software control is implemented with a 3-wire (3-wire write, 4-wire read, SPI compatible) or 2-wire (2-
wire write, 3-wire read) serial interface.
The interface configuration is determined by the state of the SWMODE pin. If the SWMODE pin is
low, the 2-wire configuration is selected. If SWMODE is high the 3-wire SPI compatible configuration
is selected.
HWMODE
SWMODE
0
1
0
1
Software Control
Hardware Control
2-wire control
3-wire control
Table 8 Hardware/Software Mode Setup
The control interface is 5V tolerant, meaning that the control interface input signals CSB, SCLK and
SDIN may have an input high level of 5V while DVDD is 3V. Input thresholds are determined by
DVDD.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL MODE WITH READ-BACK
SDIN is used to program data, SCLK is used to clock in the program data and CSB is used to latch
the program data. SDIN is sampled on the rising edge of SCLK. The 3-wire interface write protocol is
shown in Figure 6.
Figure 6 3-Wire SPI Compatible Interface
1.
A[6:0] are Control Address Bits
2.
D[8:0] are Control Data Bits
3.
CSB is edge sensitive – the data is latched on the rising edge of CSB.
REGISTER READ-BACK
The read-only status registers can be read back via the SDO pin. To enable readback the READEN
control register bit must be set. The status registers can then be read using one of two methods,
selected by the CONTREAD register bit.
With CONTREAD set, a single register can be read back simply by writing to any other register or a
dummy register. The register to be readback is determined by the READMUX[2:0] bits. When a write
to the device is done, the device will respond with the status byte set by the READMUX register bits
in the last 8 bits of the write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com