công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8580GEFV bảng dữ liệu(PDF) 54 Page - Wolfson Microelectronics plc

tên linh kiện WM8580GEFV
Giải thích chi tiết về linh kiện  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580GEFV bảng dữ liệu(HTML) 54 Page - Wolfson Microelectronics plc

Back Button WM8580GEFV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 58Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
54
S/PDIF TRANSMITTER
The S/PDIF transmitter generates the S/PDIF frames, and outputs on the SPDIFOP pin. The audio
data for the frame can be taken from one of four sources, selectable using the TXSRC register. The
transmitter can be powered down using the SPDIFTXD register bit. The S/PDIF Transmitter can be
bypassed by setting the REAL_THROUGH register control bit. When set, the SPDIFOP pin sources
the output of the S/PDIF input mux.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1:0
TXSRC[1:0]
00
S/PDIF Transmitter Data Source
00 = S/PDIF received data (see REAL_THROUGH)
01 = ADC digital output data.
10 = Secondary Audio Interface
11 = Audio Interface received data
2
OVWCHAN
0
Overwrite Channel Status
Only used if TXSRC=00. Overwrites the received
channel status data using data read from S/PDIF
transmitter channel status register
0 = Channel data equal to recovered channel data.
1 = Channel data taken from channel status registers.
R30
SPDTXCHAN 0
1Eh
3
REAL_
THROUGH
0
S/PDIF Through Mode Control
0 = SPDIFOP pin sources output of S/PDIF Transmitter
1 = SPDIFOP pins sources output of S/PDIF IN Mux
R51
PWRDN 2
33h
4
SPDIFTXD
1
S/PDIF Transmitter powerdown
0 = S/PDIF Transmitter enabled
1 = S/PDIF Transmitter disabled
Table 48 S/PDIF Transmitter Control
The WM8580 also transmits the preamble and VUCP bits (Validity, User Data, Channel Status and
Parity bits).
Validity Bit
Set to 0 (to indicate valid data) – unless TXSRC=00 (S/PDIF receiver), where Validity is the value
recovered from the S/PDIF input stream by the S/PDIF receiver.
User Data
Set to 0 as User Data configuration is not supported in the WM8580 – if TXSRC=00 (S/PDIF
receiver) User Data is the value recovered from the S/PDIF input stream by the S/PDIF receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com