công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8580GEFV bảng dữ liệu(PDF) 35 Page - Wolfson Microelectronics plc

tên linh kiện WM8580GEFV
Giải thích chi tiết về linh kiện  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580GEFV bảng dữ liệu(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8580GEFV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 34Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 35Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580GEFV Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
35
ADC FEATURES
ADC HIGH-PASS FILTER DISABLE
The ADC digital filters incorporate a digital high-pass filter. By default, this is enabled but can be
disabled by setting the ADCHPD register bit to 1. This allows the input to the ADC to be DC coupled.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29
ADC CONTROL 1
1Dh
4
ADCHPD
0
ADC high-pass filter disable
0 = high-pass filter enabled
1 = high-pass filter disabled
Table 29 ADC Functions Register
ADC OVERSAMPLING RATE SELECT
The internal ADC signal processing operates at an oversampling rate of 128fs for all MCLK:LRCLK
ratios. The exception to this is for operation with a 128fs or 192fs master clock, where the internal
oversampling rate of the ADC is 64fs.
For ADC operation at 96kHz in 256fs or 384fs mode it is recommended that the user set the
ADCOSR bit. This changes the ADC signal processing oversampling rate from 128fs to 64fs.
Similarly, for ADC operation at 192kHz in 128fs or 192fs mode it is recommended that the user set
the ADCOSR bit to change the oversampling rate from 64fs to 32fs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29
ADC CONTROL 1
1Dh
3
ADCOSR
0
ADC oversample rate select
0 = 128/64x oversampling
1 = 64/32x oversampling
Table 30 ADC Functions Register
ADC MUTE
As with the DAC, each ADC channel also has a mute control bit, which mutes the inputs to the ADC.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AMUTEL
0
ADC Mute select
0 : Normal Operation
1: mute ADC left
1
AMUTER
0
ADC Mute select
0 : Normal Operation
1: mute ADC right
R29
ADC CONTROL 1
1Dh
2
AMUTEALL
0
ADC Mute select
0 : Normal Operation
1: mute both ADC channels
Table 31 ADC Mute Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com