công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HB28D032MM2 bảng dữ liệu(PDF) 22 Page - Renesas Technology Corp

tên linh kiện HB28D032MM2
Giải thích chi tiết về linh kiện  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 bảng dữ liệu(HTML) 22 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 18Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 19Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 20Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 21Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 22Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 23Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 24Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 25Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 20 of 88
• WRITE_BLK_PARTIAL
WRITE_BLK_PARTIAL defines whether partial block sizes can be used in block read and block write
commands. WRITE_BLK_PARTIAL = 0 means that only the block size defined by WRITE_BLK_LEN
can be used for block-oriented data transfers. WRITE_BLK_PARTIAL = 1 means that smaller blocks can
be used as well. The minimum block size will be equal to minimum addressable unit (one byte). These
Hitachi MultiMediaCards support no partial block write. The parameter WRITE_BLK_PARTIAL is
permanently assigned to the value ‘0’.
• FILE_FORMAT_GRP
Indicates the selected group of file formats. The default value is ‘0’. This field is read-only for ROM. The
usage of this field is shown in table “File_Formats”.
• COPY
Defines if the contents are an original (COPY = ‘0’) or a copy (= ‘1’). The COPY bit is a one time
programmable bit, being set by the customer. The default value is ‘0’.
• PERM_WRITE_PROTECT
Permanently protects the whole card content against overwriting or erasing (all write and erase commands
for this card is a permanently disabled). This parameter is one-time programmable by the customer. The
default value is ‘0’ (not protected).
• TMP_WRITE_PROTECT
Temporarily protects the whole card content from being overwritten or erased (all write and erase
commands for this card are temporarily disabled). This parameter is programmable by the customer. The
default value is ‘0’ (not protected).
• FILE_FORMAT
Indicates the file format on the card. The default value is ‘0’. This field is read-only for ROM. The
following formats are defined:
File_Formats
FILE_FORMAT_GRP
FILE_FORMAT Type
0
0
Hard disk-like file system with partition table
0
1
DOS FAT (floppy-like) with boot sector only (no partition table)
0
2
Universal File Format
0
3
Others/Unknown
1
0, 1, 2, 3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com