| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HB28D032MM2 bảng dữ liệu(PDF) 65 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 bảng dữ liệu(HTML) 65 Page - Renesas Technology Corp |
|
65 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 63 of 88 CMD index SPI mode Argument Resp Abbreviation Command description CMD41 reserved CMD42 Yes [31:0] stuff bits R1 LOCK/UNLOCK Used to set/reset the password or lock/unlock the card. The structure of the data block is described in chapter “Card lock/unlock operation”. The size of the Data Block is defined by the SET_BLOCK_LEN command. CMD43... CMD54 reserved CMD55 (Yes) [31:16] RCA [15:0] stuff bits R1 APP_CMD Indicates to the card that the next command is an application specific command rather than a standard command. These Hitachi MultiMediaCards do not support this command. CMD56 (Yes) [31:1] stuff bits [0:0] RD/WR* 7 R1b GEN_CND Used either to transfer a data block to the card or to get a data block from the card for general purpose / application specific commands. The size of the data block shall be set by the SET_GLOCK_LEN command. These Hitachi MultiMediaCards do not support this command. CMD57 reserved CMD58 Yes None R3 READ_OCR Reads the OCR register of a card. CMD59 Yes [31:1] stuff bits [0:0] CRC option R1 CRC_ON_OFF Turns the CRC option on or off. A ‘1’ in the CRC option bit will turn the option on, a ‘0’ will turn it off CMD60 No Notes: 1. The default block length is as specified in the CSD. These Hitachi MultiMediaCards do not support partial block write, so the write block size defined by WRITE_BLK_LEN is permanentry assigned to the value 512 bytes. 2. The data transferred must not cross a physical block boundary unless READ_BLK_MISALIGN is set in the CSD. These Hitachi MultiMediaCards do not support read block operations with bondary crossing (READ_BLK_MISALIGN = ‘0’), so the data transferred must not cross a physical block boundary. 3. R1b: R1 response with an optional trailing busy signal. 4. The data transferred must not cross a physical block boundary unless WRITE_BLK_MISALIGN is set in the CSD. These Hitachi MultiMediaCards do not support write block operations with boundary crossing (WRITE_BLK_MISALIGN = ‘0’), so the data transferred must not cross a physical block boundary. 5. 32 write protection bits (representing 32 write protect groups starting at the specified address) followed by 16 CRC bits are transferred in a payload format via the data line. The last (least significant) bit of the protection bits corresponds to the first addressed group. If the addresses of the last groups are outside the valid range, then the corresponding write protection bits shall be set to zero. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |