| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HB28D032MM2 bảng dữ liệu(PDF) 80 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 bảng dữ liệu(HTML) 80 Page - Renesas Technology Corp |
|
80 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 78 of 88 Short Cut Protection The MultiMediaCards can be inserted/removed into/from the bus without damage. If the card insertion/removal is occured during card operation (read/write), the data in the MultiMediaCard would be broken. If one of the supply pins (V CC or VSS) is not connected properly, then the current is drawn through a data line to supply the card. Naturally the card can not operate properly under this conditions. VCC VSS CMD, DAT VCC not connected VSS not connected card controller Improper Power Supply Every MultiMediaCard output withstands shortcuts to either supply. VCC VSS CMD, DAT connector card controller I short I short Short Cut Protection |