công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HB28D032MM2 bảng dữ liệu(PDF) 63 Page - Renesas Technology Corp

tên linh kiện HB28D032MM2
Giải thích chi tiết về linh kiện  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 bảng dữ liệu(HTML) 63 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 59Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 60Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 61Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 62Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 63Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 64Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 65Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 66Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 61 of 88
Commands and Arguments
CMD index SPI mode Argument
Resp Abbreviation
Command description
CMD0
Yes
None
R1
GO_IDLE_STATE resets the MultiMediaCard
CMD1
Yes
None
R1
SEND_OP_COND Activates the card’s initialization
process.
CMD2
No
CMD3
No
CMD4
No
CMD5
reversed
CMD6
reversed
CMD7
No
CMD8
reversed
CMD9
Yes
None
R1
SEND_CSD
asks the selected card to send its
card-specific data (CSD)
CMD10
Yes
None
R1
SEND_CID
asks the selected card to send its
card identification (CID)
CMD11
No
CMD12
Yes
None
R1
STOP_TRANSMIS
SION
stop transmission on multiple read
CMD13
Yes
None
R2
SEND_STATUS
asks the selected card to send its
status register.
CMD14
reversed
CMD15
No
CMD16
Yes
[31:0] block length R1
SET_BLOCKLEN
selects a block length (in bytes) for
all following block-oriented read
commands and lock card comand.*
1
CMD17
Yes
[31:0] data
address
R1
READ_SINGLE_
BLOCK
reads a block of the size selected by
the SET_BLOCKLEN command.*
2
CMD18
Yes
[31:0] data
address
R1
READ_MULTIPLE
_BLOCK
continuously transfers data block
from card to host until interrupted by
a stop command or the requested
number of data blocks transmitted.
CMD19
reversed
CMD20
No
CMD21...
CMD22
reversed
CMD23
Yes
[31:16] set to 0
[15:0] number of
blocks
R1
SET_BLOCK_CO
UNT
defines the number of blocks which
are going to be transferred in the
immediately succeeding multiple
block read or write command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com