| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HB28D032MM2 bảng dữ liệu(PDF) 72 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 bảng dữ liệu(HTML) 72 Page - Renesas Technology Corp |
|
72 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 70 of 88 SPI Bus Timing All timing diagrams use the following schematics and abbreviations: H: Signal is high (logical ‘1’) L: Signal is low (logical ‘0’) X: Don’t care Z: High impedance state (-> = 1) *: Repeater Busy: Busy Token Command: Command token Response: Response token Data block: Data token All timing values are defined in Table “Timing Values”. The host must keep the clock running for at least N CR clock cycles after receiving the card response. This restriction applies to both command and data response tokens. Command/Response • Host Command to Card Response - Card is ready HH L L L NCS * * * * * * * * * * * * * * * * * * L L H H H CS X X H H H H 6 bytes command H H HH X X X Datain LL H H H H H * * * * * * * ZZ Z H H H HH HH H Z Z Dataout H H H H H H 1 or 2 bytes response NEC NCR * * * * * * * • Host Command to Card Response - Card is busy HL L L NCS * * * * * * * * * * * * * * * * * * L L LL LH H CS X H H H H 6 bytes command H H HH X X Datain L H H L LL L HHH HH HHH H HHH H ZZ HH H H H busy card response HZ Dataout busy HH HH H XX X LZ Z Z HHH H NEC NDS NEC NCR * * * * * * * |