công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATMEGA640 bảng dữ liệu(PDF) 284 Page - Microchip Technology

tên linh kiện ATMEGA640
Giải thích chi tiết về linh kiện  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 bảng dữ liệu(HTML) 284 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 280Page - Microchip Technology ATMEGA640 Datasheet HTML 281Page - Microchip Technology ATMEGA640 Datasheet HTML 282Page - Microchip Technology ATMEGA640 Datasheet HTML 283Page - Microchip Technology ATMEGA640 Datasheet HTML 284Page - Microchip Technology ATMEGA640 Datasheet HTML 285Page - Microchip Technology ATMEGA640 Datasheet HTML 286Page - Microchip Technology ATMEGA640 Datasheet HTML 287Page - Microchip Technology ATMEGA640 Datasheet HTML 288Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 436 page
background image
284
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Note:
1. To reach the given accuracy, 10× or 200× Gain should not be used for operating voltage below 2.7V.
101000(1)
N/A
ADC8
ADC8
10×
101001(1)
ADC9
ADC8
10×
101010(1)
ADC8
ADC8
200×
101011(1)
ADC9
ADC8
200×
101100(1)
ADC10
ADC10
10×
101101(1)
ADC11
ADC10
10×
101110(1)
ADC10
ADC10
200×
101111(1)
ADC11
ADC10
200×
110000
ADC8
ADC9
1×
110001
ADC9
ADC9
1×
110010
ADC10
ADC9
1×
110011
ADC11
ADC9
1×
110100
ADC12
ADC9
1×
110101
ADC13
ADC9
1×
110110
ADC14
ADC9
1×
110111
ADC15
ADC9
1×
111000
ADC8
ADC10
1×
111001
ADC9
ADC10
1×
111010
ADC10
ADC10
1×
111011
ADC11
ADC10
1×
111100
ADC12
ADC10
1×
111101
N/A
ADC13
ADC10
1×
111110
Reserved
N/A
111111
Reserved
N/A
Table 26-4.
Input Channel Selections (Continued)
MUX5:0
Single Ended Input
Positive Differential Input
Negative Differential Input
Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More