| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATMEGA640 bảng dữ liệu(PDF) 206 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
ATMEGA640 bảng dữ liệu(HTML) 206 Page - Microchip Technology |
|
206 / 436 page ![]() 206 ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET] DS40002211A Note: 1. See “About Code Examples” on page 10. More advanced initialization routines can be made that include frame format as parameters, disable interrupts and so on. However, many applications use a fixed setting of the baud and control registers, and for these types of applications the initialization code can be placed directly in the main routine, or be combined with initialization code for other I/O modules. Assembly Code Example(1) USART_Init: ; Set baud rate sts UBRRnH, r17 sts UBRRnL, r16 ldi r16, (1<<U2Xn) sts UCRnA, r16 ; Enable receiver and transmitter ldi r16, (1<<RXENn)|(1<<TXENn) sts UCSRnB,r16 ; Set frame format: 8data, 1stop bit ldi r16, (2<<UMSELn)|(3<<UCSZn0) sts UCSRnC,r16 ret C Code Example(1) #define FOSC 1843200// Clock Speed #define BAUD 9600 #define (MYUBRR FOSC/16/BAUD-1) void main( void ) {... USART_Init ( MYUBRR ); ...} // main void USART_Init( unsigned int ubrr){ /* Set baud rate */ UBRRH = (unsigned char)(ubrr>>8); UBRRL = (unsigned char)ubrr; /* Enable receiver and transmitter */ UCSRB = (1<<RXEN)|(1<<TXEN); /* Set frame format: 8data, 2stop bit */ UCSRC = (1<<USBS)|(3<<UCSZ0); } // USART_Init |