| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T1X06000GA-N1-R3 bảng dữ liệu(PDF) 22 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
T1X06000GA-N1-R3 bảng dữ liệu(HTML) 22 Page - Toshiba Semiconductor |
|
22 / 118 page ![]() 12 T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005 6.3 Tower Installation with Cap The Tower configuration modules are arranged side by side, and secured by a press-fit cap over the as- sembly. If the optional Caster Kit is available, see Appendix E2 for installation. 1. Unpack the T1000 modules and set them in the desired location with the faceplates at the top as shown below. 2. Facing the front of the modules, arrange them left to right in the following order (See Fig. 6-1 - 6-4): • Transformer Module (if available) • Power Module • Battery Module with output panel(if available) • Second Battery Module without output panel (if available) NOTE: There is a Tower Cap for 2-, and 3-module tower systems. Fig. 6-7 shows Tower Cap instal- lation for a 2-module system. 3. Press the T1000 Tower Cap over the tower modules (Fig. 6-7). 4. The T1000 tower is ready for interconnecting cable installation. 5. Go to Section 7 for cabling instructions. FIGURE. 6-7: INSTALL CAP ON TWO MODULE TOWER SYSTEM A C B |