công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T1X06000GA-N1-R3 bảng dữ liệu(PDF) 69 Page - Toshiba Semiconductor

tên linh kiện T1X06000GA-N1-R3
Giải thích chi tiết về linh kiện  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TOSHIBA [Toshiba Semiconductor]
Trang chủ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 bảng dữ liệu(HTML) 69 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 65Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 66Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 67Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 68Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 69Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 70Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 71Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 72Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 73Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 118 page
background image
A-3
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
T1000 6 KVA SPECIFICATIONS - POWER MODULE
Parameter
Value
Short Circuit Protection
Electronic and Hardware Overload Protection
Cold Start (0-100% load)
Default Output Frequency 60 Hz
Battery General, External
Acceptable Mfgr.
Yuasa Taiwan only
Type
~9 AH/12 V Valve Regulated Lead Acid, Flame Retardant
Access to batteries requires use of only Phillips head screwdriver
Voltage - Nominal (Vdc)
216 Vdc
Voltage - Minimum (Vdc)
170 Vdc
Voltage -Float (Vdc)
245 Vdc
Max Recharge Current - (Adc)
1.3 A
Recharge Time (Max.)
4 hours to 90%
24 hours to 100%
Maintains proper float voltage per battery specification over a tem-
perature range of 10 to 40 degree C (2.3 V/cell at 25 degree C with a
temperature coefficient of minus 5 millivolts per degree C)
Max Discharge Current - (Adc)
40 Adc (Typical)
Battery Level @ Shutdown
1.67 VPC, ± 3% of battery voltage at FL with level automatically raised
for lighter loads
Ripple Current (Max.) (% of Full Load
Current)
15%
Battery Leakage to Ground (mA)
100 mA maximum
Battery Capacity Required at Full Load
(W Battery)
6505 WB at nominal Bus Voltage
(6826 WB at shutdown)
Battery Test (Interval per hr)
Automatic and Manual
Battery Low Alarm
~90% of full 216 V Battery Charge
Battery Protection
Fuse
Overvoltage Protection
2.50 VPC, ± 3% of battery voltage
Protection against Batteries Deep
Discharge
Adjustable SDN (Shutdown) level
Backup Time @ Full Load (Typical)
1 Battery Module - 5 min. 2 battery Modules - 10 min.
(Typical: 1 Battery Module - 8 min. 2 battery Modules - 16 min.)
Efficiency DC-AC (%)
85% (Typical)
BATTERY - INTERNAL
Internal Back-up Time at Full Load
(at 25 °C) (min)
5 min.
Type / Rating (Ah)
12 Vdc, ~9 Ahr
Number of Batteries
6 Batteries per tray, 3 trays per Battery Module
Replaceable Batteries
Yes
ENVIRONMENT
Cooling
Forced Air
Operating Temperature (°F/°C)
0 - 40°C (32 - 104°F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com