| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
VSC8221 bảng dữ liệu(PDF) 125 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
VSC8221 bảng dữ liệu(HTML) 125 Page - Microsemi Corporation |
|
125 / 138 page ![]() VSC8221 Data Sheet VMDS-10106 Revision 4.1 December 2006 125 of 125 125 30 Ordering information Lead-free products from Microsemi comply with the temperatures and profiles defined in the JEDEC standard PC/JEDEC J-STD-020. For more information, see the JEDEC standard. 30.1 Devices Table 60. Part Number for the VSC8221 Part Number Package Type Description VSC8221HH 100 TFBGA 0.8mm ball pitch 9mm x 9mm body Single port, low power, triple-speed PHY VSC8221XHH 100 TFBGA 0.8mm ball pitch 9mm x 9mm body Lead-free, single port, low power, triple-speed PHY |