công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLS85LP0512P bảng dữ liệu(PDF) 1 Page - Greenliant systems

tên linh kiện GLS85LP0512P
Giải thích chi tiết về linh kiện  Industrial Grade PATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLIANT [Greenliant systems]
Trang chủ  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LP0512P bảng dữ liệu(HTML) 1 Page - Greenliant systems

  GLS85LP0512P Datasheet HTML 1Page - Greenliant systems GLS85LP0512P Datasheet HTML 2Page - Greenliant systems GLS85LP0512P Datasheet HTML 3Page - Greenliant systems GLS85LP0512P Datasheet HTML 4Page - Greenliant systems GLS85LP0512P Datasheet HTML 5Page - Greenliant systems GLS85LP0512P Datasheet HTML 6Page - Greenliant systems GLS85LP0512P Datasheet HTML 7Page - Greenliant systems GLS85LP0512P Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Factsheet 03.100
June 2019
These specifications are subject to change without notice.
06/28/2019
© 2019 Greenliant
1
S71431-F
GLS85LP0512P / 1002P / 1004P / 1008P
Industrial Grade PATA NANDrive™
Features
• Industry Standard ATA / IDE Bus Interface
–
Host Interface: 16-bit access
–
Supports 48-bit address feature set
–
Supports up to PIO Mode-6
1)
–
Supports up to Multi-Word DMA Mode-4
2)
–
Supports up to Ultra DMA Mode-6
• Performance
–
Sequential data read: Up to 50 MByte/sec*
–
Sequential data write: Up to 35 MByte/sec*
* measured using 128 Kbyte transfer size
• Power Management
–
3.3V power supply
–
Immediate disabling of unused circuitry
without host intervention
–
Zero wake-up latency
• Power Specification
–
Active mode
8GB: 100mA (typical)
4GB: 80mA (typical)
512MB/2GB: 60mA (typical)
–
Sleep mode: 500µA (typical)
• Supports SMART Commands
• Robust Built-in ECC
• Expanded Data Protection
–
WP#/PD# pin configurable by firmware for
prevention of data overwrites
–
Data security through user-selectable
protection zones
–
Security Erase feature
• 20-Byte Unique ID for Enhanced Security
–
Factory pre-programmed 10-Byte unique ID
–
User-programmable 10-Byte ID
• Integrated Voltage Detector
–
Prevents inadvertent Write operations due to
unexpected power-down or brownout
• NAND Configuration
–
1 bit per cell (SLC)
–
Excellent endurance and data retention
• Operating Temperature Range
–
Industrial: -40°C to 85°C
• 91-ball BGA and LBGA Packages
–
2GB, 4GB, 8GB:14.0mm x 24.0mm x 1.90mm,
1.0mm ball pitch, FTE
–
512MB: 12.0mm x 24.0mm x 1.40mm,
1.0mm ball pitch, LBTE
• All Devices are RoHS Compliant
Product Description
The GLS85LP0512P / 1002P / 1004P / 1008P
Industrial Grade PATA NANDrive™ devices (referred
to as “PATA NANDrive” in this factsheet) are fully
integrated,
embedded
solid
state
drives.
They
combine an integrated ATA controller and 512 MBytes,
2 GBytes, 4 GBytes or 8 GBytes of NAND flash
memory in a multi-chip package. These products are
ideal for embedded and portable applications that
require smaller form factor and more reliable data
storage.
ATA-based solid state mass storage technology is
widely used in GPS and telematics, in-vehicle
infotainment,
portable
and
industrial
computers,
handheld
data
collection
scanners,
point-of-sale
terminals,
networking
and
telecommunications
equipment, robotics, audio and video recorders,
monitoring devices and set-top boxes.
PATA NANDrive supports standard ATA/IDE protocol
with up to PIO Mode-6
1), Multi-Word DMA Mode-42)
and
Ultra
DMA
Mode-6
interface.
The
PATA
NANDrive device provides complete IDE hard disk
drive functionality and compatibility in a 14mm x
24mm BGA package or a 12mm x 24mm LBGA
package for easy, space saving mounting to a system
motherboard.
These
products
surpass
traditional
storage
in
their
small
size,
security,
reliability,
ruggedness and low power consumption.
The integrated NAND flash controller with built-in
advanced
NAND
management
firmware
communicates with the host through the standard ATA
protocol. It does not require any additional or
proprietary software such as the Flash File System
(FFS) and Memory Technology Driver (MTD).
PATA NANDrive provides a WP#/PD# pin to protect
critical information stored in the flash media from
unauthorized overwrites. PATA NANDrive is pre-
programmed with a 10-Byte unique serial ID and has
the option of programming an additional 10-Byte serial
ID for even greater system security.
PATA NANDrive’s advanced NAND management
technology
enhances
data
security,
improves
endurance and accurately predicts the remaining
lifespan of the NAND flash devices. This innovative
technology
combines
robust
error
correction
capabilities with advanced wear-leveling algorithms
and bad block management to significantly extend the
life of the product.
1)
PATA NANDrive is capable of supporting PIO Mode-6,
but Identify-Drive information report will show PIO Mode-4
2)
PATA NANDrive is capable of supporting Multi-Word
DMA Mode-4, but Identify-Drive information report will
show MWDMA Mode-2


Số phần tương tự - GLS85LP0512P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Greenliant systems
GLS85LP1001P GREENLIANT-GLS85LP1001P Datasheet
193Kb / 6P
Industrial Grade PATA NANDrive
More results

Mô tả tương tự - GLS85LP0512P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Greenliant systems
GLS85VM10XXG GREENLIANT-GLS85VM10XXG Datasheet
108Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM10XXE GREENLIANT-GLS85VM10XXE Datasheet
106Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1004G GREENLIANT-GLS85VM1004G Datasheet
167Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1002E GREENLIANT-GLS85VM1002E Datasheet
166Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85LS1XXXG GREENLIANT-GLS85LS1XXXG Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1016P GREENLIANT-GLS85LS1016P Datasheet
133Kb / 7P
Industrial Grade SATA NANDrive
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002E GREENLIANT-GLS85LS1002E Datasheet
144Kb / 7P
Industrial Grade SATA NANDrive
GLS85LP1001P GREENLIANT-GLS85LP1001P Datasheet
193Kb / 6P
Industrial Grade PATA NANDrive
GLS85LD1001T GREENLIANT-GLS85LD1001T Datasheet
340Kb / 8P
Industrial Grade PATA NANDrive
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com