công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLS85LP0512P bảng dữ liệu(PDF) 4 Page - Greenliant systems

tên linh kiện GLS85LP0512P
Giải thích chi tiết về linh kiện  Industrial Grade PATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLIANT [Greenliant systems]
Trang chủ  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LP0512P bảng dữ liệu(HTML) 4 Page - Greenliant systems

  GLS85LP0512P Datasheet HTML 1Page - Greenliant systems GLS85LP0512P Datasheet HTML 2Page - Greenliant systems GLS85LP0512P Datasheet HTML 3Page - Greenliant systems GLS85LP0512P Datasheet HTML 4Page - Greenliant systems GLS85LP0512P Datasheet HTML 5Page - Greenliant systems GLS85LP0512P Datasheet HTML 6Page - Greenliant systems GLS85LP0512P Datasheet HTML 7Page - Greenliant systems GLS85LP0512P Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Factsheet 03.100
June 2019
These specifications are subject to change without notice.
06/28/2019
© 2019 Greenliant
4
S71431-F
GLS85LP0512P / 1002P / 1004P / 1008P
Industrial Grade PATA NANDrive™
3.0
PRODUCT ORDERING INFORMATION
GLS 85 LP 1 xxxP - S -
I - FTE
- NDxxx
XX XX X XXXX - X - X - XXXX - XXXXX
Ordering Code
3)
NDxxx = NANDrive Revision
EDxxx = Evaluation Board Revision
Environmental Attribute
E = non-Pb solder (RoHS Compliant)
Package Modifier
T = 88 ball positions (nearest letter code
to total ball count of 91)
Package Type
F = BGA (max. package height 1.90mm)
LB = LBGA (max. package height 1.40mm)
Operating Temperature
I = Industrial: -40°C to +85°C
NAND configuration
S = 1 bit per cell
Product Generation
P = Generation
Capacity
512 = 512 MByte
002 = 2 GByte
004 = 4 GByte
008 = 8 GByte
MByte or GByte Designator
0 = MByte, 1 = GByte
Interface
P= Parallel ATA/IDE Interface
Voltage
L = 3.3V
Product Series
85 = NANDrive
3)
For legacy NANDrive products, no ordering code is required. Note that the top side marking on the package typically does
not include ordering codes (e.g. NDxxx), unless it is a special C-SPEC (custom specification) which is required by the end-
customer to be marked on the device.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com