công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLS85LP0512P bảng dữ liệu(PDF) 2 Page - Greenliant systems

tên linh kiện GLS85LP0512P
Giải thích chi tiết về linh kiện  Industrial Grade PATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLIANT [Greenliant systems]
Trang chủ  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LP0512P bảng dữ liệu(HTML) 2 Page - Greenliant systems

  GLS85LP0512P Datasheet HTML 1Page - Greenliant systems GLS85LP0512P Datasheet HTML 2Page - Greenliant systems GLS85LP0512P Datasheet HTML 3Page - Greenliant systems GLS85LP0512P Datasheet HTML 4Page - Greenliant systems GLS85LP0512P Datasheet HTML 5Page - Greenliant systems GLS85LP0512P Datasheet HTML 6Page - Greenliant systems GLS85LP0512P Datasheet HTML 7Page - Greenliant systems GLS85LP0512P Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Factsheet 03.100
June 2019
These specifications are subject to change without notice.
06/28/2019
© 2019 Greenliant
2
S71431-F
GLS85LP0512P / 1002P / 1004P / 1008P
Industrial Grade PATA NANDrive™
1.0
GENERAL DESCRIPTION
Each PATA NANDrive contains an integrated PATA NAND flash memory controller and NAND flash die in a BGA
or LBGA package. Refer to Figure 2-1 for the PATA NANDrive block diagram.
1.1
Optimized PATA NANDrive
The heart of PATA NANDrive is the PATA NAND flash
memory controller, which translates standard PATA
signals into flash media data and control signals. The
following components contribute to PATA NANDrive’s
operation.
1.1.1 Microcontroller Unit (MCU)
The MCU transfers the ATA/IDE commands into data
and control signals required for flash media operation.
1.1.2 Internal Direct Memory Access (DMA)
PATA NANDrive uses internal DMA allowing instant
data transfer from/to buffer to/from flash media. This
implementation eliminates microcontroller overhead
associated
with
the
traditional,
firmware-based
approach, thereby increasing the data transfer rate.
1.1.3 Power Management Unit (PMU)
The PMU controls the power consumption of PATA
NANDrive. The PMU dramatically reduces the power
consumption of PATA NANDrive by putting the part of
the circuitry that is not in operation into sleep mode.
The Flash File System handles inadvertent power
interrupts and has auto-recovery capability to ensure
PATA NANDrive’s data integrity. For regular power
management,
the
host
must
send
an
IDLE_IMMEDIATE command and wait for command
ready before powering down PATA NANDrive.
1.1.4 Embedded Flash File System
The embedded flash file system is an integral part of
PATA NANDrive. It contains MCU firmware that
performs the following tasks:
1.
Translates host side signals into flash media
writes and reads
2.
Provides flash media wear leveling to spread
the flash writes across all memory address
space to increase the longevity of flash media
3.
Keeps track of data file structures
4.
Manages system security for the selected
protection zones
5.
Stores the data in flash media upon completion
of a Write command (PATA NANDrive does not
perform Post-Write operations, except for when
the write cache is enabled)
1.1.5 Error Correction Code (ECC)
High performance is achieved through optimized
hardware error detection and correction.
1.1.6 Serial Communication Interface (SCI)
The Serial Communication Interface (SCI) is designed
for error reporting. During the product development
stage, it is recommended to provide the SCI port on
the PCB to aid in design validation.
1.1.7 Multi-tasking Interface
The multi-tasking interface enables fast, sustained
write performance by allowing concurrent Read,
Program and Erase operations to multiple flash media.
1.2
SMT Reflow Consideration
The PATA NANDrive family utilizes standard NAND
flash for data storage. Because the high temperature
in a surface-mount soldering reflow process can alter
the content on NAND flash, do not program PATA
NANDrive before the reflow process.
1.3
Advanced NAND Management
PATA
NANDrive’s
integrated
controller
uses
advanced wear-leveling algorithms to substantially
increase the longevity of NAND flash media. Wear
caused by data writes is evenly distributed in all or
select blocks in the device that prevents “hot spots” in
locations that are programmed and erased extensively.
This effective
wear-leveling technique results in
optimized device endurance, enhanced data retention
and higher reliability required by long-life applications.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com