công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GLS85LP0512P bảng dữ liệu(PDF) 5 Page - Greenliant systems

tên linh kiện GLS85LP0512P
Giải thích chi tiết về linh kiện  Industrial Grade PATA NANDrive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  GREENLIANT [Greenliant systems]
Trang chủ  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LP0512P bảng dữ liệu(HTML) 5 Page - Greenliant systems

  GLS85LP0512P Datasheet HTML 1Page - Greenliant systems GLS85LP0512P Datasheet HTML 2Page - Greenliant systems GLS85LP0512P Datasheet HTML 3Page - Greenliant systems GLS85LP0512P Datasheet HTML 4Page - Greenliant systems GLS85LP0512P Datasheet HTML 5Page - Greenliant systems GLS85LP0512P Datasheet HTML 6Page - Greenliant systems GLS85LP0512P Datasheet HTML 7Page - Greenliant systems GLS85LP0512P Datasheet HTML 8Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Factsheet 03.100
June 2019
These specifications are subject to change without notice.
06/28/2019
© 2019 Greenliant
5
S71431-F
GLS85LP0512P / 1002P / 1004P / 1008P
Industrial Grade PATA NANDrive™
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1: PATA NANDrive Product Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Package
512MB
Industrial (-40°C to 85°C)
GLS85LP0512P-S-I-LBTE
LBTE, 12x24x1.40mm
2GB
Industrial (-40°C to 85°C)
GLS85LP1002P-S-I-FTE
FTE, 14x24x1.90mm
GLS85LP1002P-S-I-FTE-ND001
FTE, 14x24x1.90mm
GLS85LP1002P-S-I-FTE-ND004
FTE, 14x24x1.90mm
4GB
Industrial (-40°C to 85°C)
GLS85LP1004P-S-I-FTE
FTE, 14x24x1.90mm
GLS85LP1004P-S-I-FTE-ND001
FTE, 14x24x1.90mm
GLS85LP1004P-S-I-FTE-ND004
FTE, 14x24x1.90mm
8GB
Industrial (-40°C to 85°C)
GLS85LP1008P-S-I-FTE
FTE, 14x24x1.90mm
GLS85LP1008P-S-I-FTE-ND001
FTE, 14x24x1.90mm
GLS85LP1008P-S-I-FTE-ND004
FTE, 14x24x1.90mm
Table 3-2: PATA NANDrive Evaluation Board Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Form Factor
512MB
Industrial (-40°C to 85°C)
GLS85LP0512P-S-I-40CN-K
Module with 40-pin ATA connector
GLS85LP0512P-S-I-44CN-K
Module with 44-pin ATA connector
2GB
Industrial (-40°C to 85°C)
GLS85LP1002P-S-I-40CN-K
Module with 40-pin ATA connector
GLS85LP1002P-S-I-44CN-K
Module with 44-pin ATA connector
GLS85LP1002P-S-I-40CN-ED001
Module with 40-pin ATA connector
GLS85LP1002P-S-I-40CN-ED004
Module with 40-pin ATA connector
4GB
Industrial (-40°C to 85°C)
GLS85LP1004P-S-I-40CN-K
Module with 40-pin ATA connector
GLS85LP1004P-S-I-44CN-K
Module with 44-pin ATA connector
GLS85LP1004P-S-I-40CN-ED001
Module with 40-pin ATA connector
GLS85LP1004P-S-I-40CN-ED004
Module with 40-pin ATA connector
8GB
Industrial (-40°C to 85°C)
GLS85LP1008P-S-I-40CN-K
Module with 40-pin ATA connector
GLS85LP1008P-S-I-44CN-K
Module with 44-pin ATA connector
GLS85LP1008P-S-I-40CN-ED001
Module with 40-pin ATA connector
GLS85LP1008P-S-I-40CN-ED004
Module with 40-pin ATA connector



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com