| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WLE4JCY6TR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WLE4JCY6TR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 145 page ![]() Functional overview STM32WLE5/E4xx 18/145 DS13105 Rev 8 3.6 Security management The devices contain many security blocks, such as: • RNG • AES: 128-and 256-bit AES, supporting ECB, CBC, CTR, GCM, GMAC and CCM chaining modes • PKA: – modular arithmetic including exponentiation with maximum modulo size of 3136 bits – elliptic curves over prime field scalar multiplication, ECDSA signature, ECDSA verification with maximum modulo size of 521 bits • cyclic redundancy check calculation unit (CRC) 3.7 Boot modes At startup, BOOT0 pin and BOOT1 option bit are used to select one of the following boot options: • Boot from user Flash memory • Boot from boot system memory (where embedded bootloader is located) • Boot from embedded SRAM The bootloader makes possible to download code from USART or SPI. 3.8 Sub-GHz radio 3.8.1 Introduction The sub-GHz radio is an ultra-low-power sub-GHz radio operating in the 150 - 960 MHz ISM band. LoRa, (G)FSK/(G)MSK modulation in transmit and receive, and (D)BPSK in transmit only, allow an optimal trade-off between range, data rate and power consumption. This sub- GHz radio is compliant with the LoRaWAN® specification v1.0 and radio regulations such as ETSI EN 300 220, EN 300 113, EN 301 166, FCC CFR 47 part 15, 24, 90, 101 and the ARIB STD-T30, T-67, T-108. The sub-GHz radio consists of: • an analog front-end transceiver, capable of outputting up to + 15 dBm maximum power on its RFO_LP pin and up to + 22 dBm maximum power on RFO_HP pin • a digital modem bank providing the following modulation schemes: – LoRa Rx/Tx with bandwidth (BW) from 7.8 - 500 kHz, spreading factor (SF) 5 - 12, bit rate (BR) from 0.013 to 17.4 Kbit/s (real bitrate) – FSK and GFSK Rx/Tx with BR from 0.6 to 300 Kbit/s – (G)MSK Tx with BR from 0 to 10 Kbit/s – BPSK and DBPSK TX only with bitrate for 100 and 600 bit/s • a digital control including all data processing and sub-GHz radio configuration control • a high-speed clock generation |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |