công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32G041C6M3TR bảng dữ liệu(PDF) 52 Page - STMicroelectronics

tên linh kiện STM32G041C6M3TR
Giải thích chi tiết về linh kiện  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G041C6M3TR bảng dữ liệu(HTML) 52 Page - STMicroelectronics

Back Button STM32G041C6M3TR Datasheet HTML 48Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 49Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 50Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 51Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 52Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 53Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 54Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 55Page - STMicroelectronics STM32G041C6M3TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 118 page
background image
Electrical characteristics
STM32G041x6/x8
52/118
DS12993 Rev 2
Table 26. Typical current consumption in Run and Low-power run modes,
depending on code executed
Symbol
Parameter
Conditions
Typ
Unit
Typ
Unit
General
Code
Fetch
from(1)
25 °C
25 °C
IDD(Run)
Supply
current in
Run mode
Range 1;
fHCLK = fPLLRCLK =
64 MHz;
(2)
Reduced code(3)
Flash
memory
5.4
mA
84
uA/MHz
Coremark
5.2
81
Dhrystone 2.1
5.3
82
Fibonacci
4.3
67
While(1) loop
4.0
62
Reduced code(3)
SRAM
4.4
69
Coremark
5.6
88
Dhrystone 2.1
5.6
88
Fibonacci
4.3
67
While(1) loop
4.0
63
Range 2;
fHCLK = fHSI16 =
16 MHz,
PLL disabled,
(2)
Reduced code(3)
Flash
memory
1.6
100
Coremark
1.5
81
Dhrystone 2.1
1.5
81
Fibonacci
1.1
66
While(1) loop
1.0
59
Reduced code(3)
SRAM
1.3
78
Coremark
1.4
88
Dhrystone 2.1
1.4
88
Fibonacci
1.0
63
While(1) loop
1.0
60
IDD(LPRun)
Supply
current in
Low-power
run mode
fHCLK = fHSI16/8 =
2 MHz;
PLL disabled,
(2)
Reduced code(3)
Flash
memory
345
uA
173
uA/MHz
Coremark
400
200
Dhrystone 2.1
400
200
Fibonacci
365
183
While(1) loop
415
208
Reduced code(3)
SRAM
225
113
Coremark
515
258
Dhrystone 2.1
515
258
Fibonacci
295
148
While(1) loop
290
145
1. Prefetch and cache enabled when fetching from Flash. Code compiled with high optimization for space in SRAM.
2. VDD = 3.3 V, all peripherals disabled, cache enabled, prefetch disabled for execution in Flash and enabled in SRAM
3. Reduced code used for characterization results provided in Table 25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com