công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5741P bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện MPC5741P
Giải thích chi tiết về linh kiện  32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5741P bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button MPC5741P Datasheet HTML 9Page - NXP Semiconductors MPC5741P Datasheet HTML 10Page - NXP Semiconductors MPC5741P Datasheet HTML 11Page - NXP Semiconductors MPC5741P Datasheet HTML 12Page - NXP Semiconductors MPC5741P Datasheet HTML 13Page - NXP Semiconductors MPC5741P Datasheet HTML 14Page - NXP Semiconductors MPC5741P Datasheet HTML 15Page - NXP Semiconductors MPC5741P Datasheet HTML 16Page - NXP Semiconductors MPC5741P Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
Table 5. System pins/balls (continued)
Symbol
Type
Description
144LQFP
257MAPBGA
TDI
Input
JTAGC, Test Data Input
86
J17
MDO[0]
Output
NEXUS, Message data out pins; reflects the state of
the internal power on reset signal until RESET is
negated
9
G1
MDO[3:1]
Output
NEXUS, Message data out pins
4,5,8
E1, F1, E2
EVTO
Output
NEXUS, Event Out Pin
24
K2
EVTI
Input
NEXUS, Event In Pin
25
L2
MCKO
Output
NEXUS, Message clock out pin
19
J4
MSEO[1:0]
Output
NEXUS, Message Start/End out pin
20, 23
J3, K3
RDY_B
Output
NEXUS, Read/Write Transfer completed
—
J2
16
K1
BCTRL
Output
Base control signal of external npn ballast
69
R13
J[11], J[10]
--
FSL Factory Test2
—
L17, K17
1. VPP_TEST must be connected to ground.
2. Do not connect on the board.
2.2.4 LVDS pins/balls
The following tables contain information on LVDS pin functions for the devices.
Table 6. SIPI LFAST LVDS pin descriptions
Functional
block
Port pin
Signal
Signal description
Direction
257MAPBGA
SIPI LFAST1, 2
I[5]
LFAST_TX
N
SIPI/ LFAST, LVDS Transmit Negative Terminal
O
N15
C[12]3
LFAST_TX
P
SIPI/ LFAST, LVDS Transmit Positive Terminal
O
M14
I[6]
LFAST_RX
N
SIPI/ LFAST, LVDS Receive Negative Terminal
I
M15
G[7]3
LFAST_RX
P
SIPI/ LFAST, LVDS Receive Positive Terminal
I
M16
1. DRCLK and TCK/DRCLK usage for SIPI LFAST are described in the reference manual's SIPI LFAST chapters.
2. For the MSCR SSS value of the port pin, see Table 1.
3. The 144LQFP package has G[7] and C[12] but no SIPI LFAST functionality.
CAUTION
SIPI LFAST pins are muxed with GPIOs. Do not use GPIO and
SIPI LFAST functionality in parallel.
Pinouts
MPC5744P Data Sheet, Rev. 6.1, 11/2017
NXP Semiconductors
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com