công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5741P bảng dữ liệu(PDF) 76 Page - NXP Semiconductors

tên linh kiện MPC5741P
Giải thích chi tiết về linh kiện  32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5741P bảng dữ liệu(HTML) 76 Page - NXP Semiconductors

Back Button MPC5741P Datasheet HTML 72Page - NXP Semiconductors MPC5741P Datasheet HTML 73Page - NXP Semiconductors MPC5741P Datasheet HTML 74Page - NXP Semiconductors MPC5741P Datasheet HTML 75Page - NXP Semiconductors MPC5741P Datasheet HTML 76Page - NXP Semiconductors MPC5741P Datasheet HTML 77Page - NXP Semiconductors MPC5741P Datasheet HTML 78Page - NXP Semiconductors MPC5741P Datasheet HTML 79Page - NXP Semiconductors MPC5741P Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 115 page
background image
Table 27. ADC conversion characteristics (continued)
Symbol
Parameter
Conditions1
Min
Typ
Max
Unit
CP25
ADC input pin capacitance 2
—
—
—
0.8
pF
RSW15
Internal resistance of analog source
VREF range = 4.5 to 5.5 V
—
—
0.3
kΩ
VREF range = 3.15 to 3.6 V
—
—
875
Ω
RAD5
Internal resistance of analog source
—
—
—
825
Ω
INL
Integral non-linearity
—
–2
—
2
LSB
DNL
Differential non-linearity
—
–1
—
1
LSB
OFS
Offset error
—
–4
—
4
LSB
GNE
Gain error
—
–4
—
4
LSB
Input (single ADC
channel)
Max leakage
150 °C
—
—
250
nA
Max positive/negative injection
—
–3
—
3
mA
Input (double
ADC channel)
Max leakage
150 °C
—
—
300
nA
Max positive/negative injection
|VREF_AD0 - VREF_AD1| <
150mV
–3.6
—
3.6
mA
SNR
Signal-to-noise ratio
VREF = 3.3 V, Fin < 125kHz
67
—
—
dB
SNR7
Signal-to-noise ratio
VREF = 5.0 V, Fin < 125kHz
69
—
—
dB
THD
Total harmonic distortion
Fin ≤ 125 kHz
65
70
—
dB
ENOB
Effective number of bits
Fin < 125 kHz
10.5
—
—
bits
SINAD
Signal-to-noise and distortion
See ENOB
(6.02 * ENOB) + 1.76
dB
TUEIS1WINJ
Total unadjusted error for IS1WINJ
(single ADC channels)
Without current injection
–6
—
6
LSB
TUEIS1WINJ
Total unadjusted error for IS1WINJ
(single ADC channels)
Current injection: ±3 mA for
each channel, max 3
channels
–8
—
8
LSB
1. VDD_HV_IO = 3.3 V -5%,+10%, TJ = –40 to +165 °C, unless otherwise specified, and analog input voltage from VAGND to
VAREF
2. AD_CK clock is always half of the ADC module input clock defined via the auxiliary clock divider for the ADC.
3. During the sample time the input capacitance CS can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tsample. After the end of the
sample time tsample, changes of the analog input voltage have no effect on the conversion result. Values for the sample
clock tsample depend on programming.
4. This parameter does not include the sample time tsample, but only the time for determining the digital result and the time to
load the result register with the conversion result.
5. See Figure 2.
6. For the 144-pin package.
7. Test conditions have an influence on the achieved performance. Please contact FSL personnel to share the conditions for
these results.
NOTE
The ADC performance specifications are not guaranteed if two
ADCs simultaneously sample the same shared channel.
Electrical characteristics
MPC5744P Data Sheet, Rev. 6.1, 11/2017
76
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com