công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5741P bảng dữ liệu(PDF) 43 Page - NXP Semiconductors

tên linh kiện MPC5741P
Giải thích chi tiết về linh kiện  32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5741P bảng dữ liệu(HTML) 43 Page - NXP Semiconductors

Back Button MPC5741P Datasheet HTML 39Page - NXP Semiconductors MPC5741P Datasheet HTML 40Page - NXP Semiconductors MPC5741P Datasheet HTML 41Page - NXP Semiconductors MPC5741P Datasheet HTML 42Page - NXP Semiconductors MPC5741P Datasheet HTML 43Page - NXP Semiconductors MPC5741P Datasheet HTML 44Page - NXP Semiconductors MPC5741P Datasheet HTML 45Page - NXP Semiconductors MPC5741P Datasheet HTML 46Page - NXP Semiconductors MPC5741P Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 115 page
background image
2. (Default) = ALT mode configuration after reset.
3. Changing the B[5] configuration during debug might affect the availability of TDI.
4. ADC analog input: Program corresponding MSCR APC bit and enable ADC to switch on the analog input path.
5. When the LFAST interface is selected the other functionality of the MSCR register is not available.
6. Shared with SIPI LFAST transmit pad SIPI_TXP. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is
used for SIPI LFAST.
7. To operate D[7] as GPIO, disable the Sine Wave Generator (SGEN) and the peripheral bus clock of the SGEN: Program
the MC_ME_PCTL239 register to select an MC_ME_RUN_PCn (or MC_ME_LP_PCn) configuration where the field for the
desired mode is 0.
8. SGEN output if SGEN is enabled.
9. Shared with SIPI LFAST receive pad SIPI_RXP. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is
used for SIPI LFAST.
10. Shared with SIPI LFAST receive pad SIPI_TXN. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is
used for SIPI LFAST.
11. Shared with SIPI LFAST receive pad SIPI_RXN. Alternative modes and GPIO must be disabled (OBE=0, IBE=0) if port is
used for SIPI LFAST.
The following table list ports that are not implemented. The corresponding control and
data registers are not implemented.
Table 9. Ports - Not Implemented
Port Name
Port Index
C
3,8,9
D
13,15
E
1,3,8
F
1,2
G
0,1,[12:15]
H
[0:3]
J
[10:15]
Any attempt to access unimplemented MSCRs generates a bus error. The read value from
unimplemented ports must be masked in case of parallel port accesses.
2.2.6 Peripheral input muxing
The following table describes the peripheral muxing capabilities of the device.
Table 10. Peripheral muxing
Destination
peripheral
Destination
functions
IMCR number
IMCR[SSS] field value
Source
peripherals
Source functions
FlexCAN_0
RXD
IMCR[32]
0000 (Default)1
—
Disable
0001
I/O-Pad
A[15]
0010
I/O-Pad
B[1]
0011-1111
—
Reserved2
FlexCAN_1
RXD
IMCR[33]
0000 (Default)
—
Disable
Table continues on the next page...
Pinouts
MPC5744P Data Sheet, Rev. 6.1, 11/2017
NXP Semiconductors
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com