công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5741P bảng dữ liệu(PDF) 56 Page - NXP Semiconductors

tên linh kiện MPC5741P
Giải thích chi tiết về linh kiện  32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5741P bảng dữ liệu(HTML) 56 Page - NXP Semiconductors

Back Button MPC5741P Datasheet HTML 52Page - NXP Semiconductors MPC5741P Datasheet HTML 53Page - NXP Semiconductors MPC5741P Datasheet HTML 54Page - NXP Semiconductors MPC5741P Datasheet HTML 55Page - NXP Semiconductors MPC5741P Datasheet HTML 56Page - NXP Semiconductors MPC5741P Datasheet HTML 57Page - NXP Semiconductors MPC5741P Datasheet HTML 58Page - NXP Semiconductors MPC5741P Datasheet HTML 59Page - NXP Semiconductors MPC5741P Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 115 page
background image
CAUTION
Stress beyond the listed maximum values may affect device
reliability or cause permanent damage to the device.
Table 12. Absolute maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
VDD_LV
1.25 V core supply voltage1, 2, 3
—
–0.3
1.5
V
VDD_LV_PLL
1.25 V PLL supply voltage1, 2, 3
—
–0.3
1.5
V
VDD_LV_LFAST
1.25 V LFAST PLL supply voltage1, 2, 3
—
–0.3
1.5
V
VDD_LV_NEXUS
1.25 V Aurora LVDS supply voltage1, 2, 3
—
–0.3
1.5
V
VDD_HV_PMU
3.3 V voltage regulator supply voltage
—
–0.3
4.04, 5
V
VDD_HV_IO
3.3 V input/output supply voltage
—
–0.3
3.634, 5
V
VSS_HV_IO
Input/output ground voltage
—
–0.1
0.1
V
VDD_HV_FLA
3.3 V flash supply voltage
—
–0.3
3.634, 5
V
VSS_HV_FLA
Flash memory ground
—
–0.1
0.1
V
VDD_HV_OSC
3.3 V crystal oscillator amplifier supply voltage
—
–0.3
4.04, 5
V
VSS_HV_OSC
3.3 V crystal oscillator amplifier ground
—
–0.1
0.1
V
VDD_HV_ADRE06
VDD_HV_ADRE1
3.3 V / 5.0 V ADC_0 high reference voltage
3.3 V / 5.0 V ADC_1 high reference voltage
—
–0.3
6
V
VSS_HV_ADRE0
VSS_HV_ADRE1
ADC_0 ground and low reference voltage
ADC_1 ground and low reference voltage
—
–0.1
0.1
V
VDD_HV_ADV
3.3 V ADC supply voltage
—
–0.3
4.04, 5
V
VSS_HV_ADV
3.3 V ADC supply ground
—
–0.1
0.1
V
TVDD
Supply ramp rate
—
0.9 V/s
0.06 V/µs
VINA
Voltage on analog pin with respect to ground
(VSS_HV_IO)
—
–0.3
6
V
VIN
Voltage on any digital pin with respect to ground
(VSS_HV_IO)
Relative to
VDD_HV_IO
–0.3
VDD_HV_IO +
0.3, 7
V
IINJ
Maximum DC injection current per pin, 5 V ADC pads
Note 8
–5
5
mA
IINJPAD
Injected input current on any pin during overload
condition
—
–10
10
mA
IINJSUM
Absolute sum of all injected input currents during
overload condition
—
–50
50
mA
TSTG
Storage temperature
—
–55
165
°C
1. 1.45 V to 1.5 V allowed for 60 seconds cumulative time at maximum TJ=165°C; remaining time as defined in note -1 and
note -1.
2. 1.375 V to 1.45 V allowed for 10 hours cumulative time at maximum TJ=165°C; remaining time as defined in note -1.
3. 1.32 V to 1.375 V range allowed periodically for supply with sinusoidal shape and average supply value below 1.275 V at
maximum TJ=165°C.
4. 5.3 V for 10 hours cumulative over lifetime of device; 3.3 V +10% for time remaining.
5. Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
6. VDD_HV_ADRE0 and VDD_HV_ADRE1 cannot be operated at different voltages and must be supplied by the same voltage
source.
7. Only when VDD_HV_IO < 3.63 V.
8. The following conditions apply:
• Absolute maximum supply: VDD_HV_ADREx = 6.0 V (60 seconds lifetime, no restrictions—part can switch)
Electrical characteristics
MPC5744P Data Sheet, Rev. 6.1, 11/2017
56
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com