công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC5741P bảng dữ liệu(PDF) 66 Page - NXP Semiconductors

tên linh kiện MPC5741P
Giải thích chi tiết về linh kiện  32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5741P bảng dữ liệu(HTML) 66 Page - NXP Semiconductors

Back Button MPC5741P Datasheet HTML 62Page - NXP Semiconductors MPC5741P Datasheet HTML 63Page - NXP Semiconductors MPC5741P Datasheet HTML 64Page - NXP Semiconductors MPC5741P Datasheet HTML 65Page - NXP Semiconductors MPC5741P Datasheet HTML 66Page - NXP Semiconductors MPC5741P Datasheet HTML 67Page - NXP Semiconductors MPC5741P Datasheet HTML 68Page - NXP Semiconductors MPC5741P Datasheet HTML 69Page - NXP Semiconductors MPC5741P Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 115 page
background image
Table 18. FlexRay (SYM) configuration output buffer electrical characteristics
(continued)
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
Fmax_Y
Output frequency
SYM configuration
CL = 20 pF, VDD_HV_IO=3.3 V
–5%, +10%
—
—
50
MHz
Ttr_Y
Transition time output pin
SYM configuration
CL = 20 pF, VDD_HV_IO=3.3 V
–5%, +10%
1
—
6
ns
|Tskew_Y| Difference between rise
and fall time
—
0
—
1
ns
1. VDD_HV_IO = 3.3 V (–5%, +10%), TJ = –40 to 165 °C, unless otherwise specified.
NOTE
See the LFAST section for parameters dedicated to this
interface.
Table 19. LFAST output buffer electrical characteristics
Symbol
Parameter
Conditions1
Value
Unit
Min
Typ
Max
|
ΔVO_L|
Absolute value for differential output voltage
swing (terminated)
—
100
200
285
mV
VICOM_L
Common mode voltage
—
1.08
1.2
1.32
V
Ttr_L
Transition time output pin LVDS configuration
—
0.2
—
1.5
ns
1. VDD_HV_IO = 3.3 V (–5%, +10%), TJ = –40 to 165 °C, unless otherwise specified.
NOTE
Fast IOs must be specified only as fast (and not as high
current). See Table 20.
Table 20. DC electrical specifications
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
VDD_LV
LV (core) Supply Voltage
—
1.19
—
1.32
V
VDD_HV_IO1 I/O Supply Voltage
—
3.15
—
3.6
V
VIH
CMOS Input Buffer High Voltage (with hysteresis
disabled)
—
0.55 *
VDD_HV_IO
—
VDD_HV_IO
+ 0.3
V
VIL
CMOS Input Buffer Low Voltage (with hysteresis
disabled)
—
Vss - 0.3
—
0.40 *
VDD_HV_IO
V
VHYS
CMOS Input Buffer Hysteresis
—
0.1 *
VDD_HV_IO
—
—
V
Pull_IOH
Weak Pullup Current2
—
10
—
80
µA
Pull_IOL
Weak Pulldown Current3
—
10
—
80
µA
Table continues on the next page...
Electrical characteristics
MPC5744P Data Sheet, Rev. 6.1, 11/2017
66
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com