công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  TMS320C28343 Datasheet HTML 1Page - Texas Instruments TMS320C28343 Datasheet HTML 2Page - Texas Instruments TMS320C28343 Datasheet HTML 3Page - Texas Instruments TMS320C28343 Datasheet HTML 4Page - Texas Instruments TMS320C28343 Datasheet HTML 5Page - Texas Instruments TMS320C28343 Datasheet HTML 6Page - Texas Instruments TMS320C28343 Datasheet HTML 7Page - Texas Instruments TMS320C28343 Datasheet HTML 8Page - Texas Instruments TMS320C28343 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 173 page
background image
2
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Device Overview
Copyright © 2009–2018, Texas Instruments Incorporated
1.3
Description
TMS320C2000™ 32-bit microcontrollers are optimized for processing, sensing, and actuation to improve
closed-loop performance in real-time control applications. The C2000™ microcontrollers line includes the
Delfino™
Premium
Performance
microcontroller
family
and
the
Piccolo™
Entry
Performance
microcontroller family.
The TMS320C2834x (C2834x) Delfino™ microcontroller unit (MCU) devices build on TI's existing F2833x
high-performance floating-point microcontrollers. The C2834x delivers up to 300 MHz of floating-point
performance, and has up to 516KB of on-chip RAM. Designed for real-time control applications, the
C2834x is based on the C28x core, making it code-compatible with all C28x microcontrollers. The on-chip
peripherals and low-latency core make the C2834x an excellent solution for performance-hungry real-time
control applications.
The
TMS320C28346,
TMS320C28345,
TMS320C28344,
TMS320C28343,
TMS320C28342,
and
TMS320C28341 devices, members of the Delfino™ MCU generation, are highly integrated, high-
performance solutions for demanding control applications.
Throughout this document, the devices are abbreviated as C28346, C28345, C28344, C28343, C28342,
and C28341, respectively. Device Comparison provides a summary of features for each device.
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320C28346ZFE
BGA (256)
17.0 mm × 17.0 mm
TMS320C28345ZFE
BGA (256)
17.0 mm × 17.0 mm
TMS320C28344ZFE
BGA (256)
17.0 mm × 17.0 mm
TMS320C28343ZFE
BGA (256)
17.0 mm × 17.0 mm
TMS320C28342ZFE
BGA (256)
17.0 mm × 17.0 mm
TMS320C28341ZFE
BGA (256)
17.0 mm × 17.0 mm
TMS320C28346ZEP
BGA (256)
17.0 mm × 17.0 mm
TMS320C28345ZEP
BGA (256)
17.0 mm × 17.0 mm
TMS320C28344ZEP
BGA (256)
17.0 mm × 17.0 mm
TMS320C28343ZEP
BGA (256)
17.0 mm × 17.0 mm
TMS320C28342ZEP
BGA (256)
17.0 mm × 17.0 mm
TMS320C28341ZEP
BGA (256)
17.0 mm × 17.0 mm
TMS320C28345ZHH
BGA MicroStar (179)
12.0 mm × 12.0 mm
TMS320C28343ZHH
BGA MicroStar (179)
12.0 mm × 12.0 mm
TMS320C28341ZHH
BGA MicroStar (179)
12.0 mm × 12.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com