công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  TMS320C28343 Datasheet HTML 1Page - Texas Instruments TMS320C28343 Datasheet HTML 2Page - Texas Instruments TMS320C28343 Datasheet HTML 3Page - Texas Instruments TMS320C28343 Datasheet HTML 4Page - Texas Instruments TMS320C28343 Datasheet HTML 5Page - Texas Instruments TMS320C28343 Datasheet HTML 6Page - Texas Instruments TMS320C28343 Datasheet HTML 7Page - Texas Instruments TMS320C28343 Datasheet HTML 8Page - Texas Instruments TMS320C28343 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 173 page
background image
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
TMS320C2834x Delfino Microcontrollers
1
Device Overview
1
1.1
Features
1
• High-Performance Static CMOS Technology
– Up to 300 MHz (3.33-ns Cycle Time)
– 1.1-V/1.2-V Core, 3.3-V I/O, 1.8-V PLL/Oscillator
Design
• High-Performance 32-Bit CPU (TMS320C28x)
– IEEE 754 Single-Precision Floating-Point Unit
(FPU)
– 16 × 16 and 32 × 32 MAC Operations
– 16 × 16 Dual MAC
– Harvard Bus Architecture
– Fast Interrupt Response and Processing
– Code-Efficient (in C/C++ and Assembly)
• Six-Channel DMA Controller (for McBSP, XINTF,
and SARAM)
• 16-Bit or 32-Bit External Interface (XINTF)
– More Than 2M × 16 Address Reach
• On-Chip Memory
– Up to 258K × 16 SARAM
– 8K × 16 Boot ROM
• Clock and System Control
– On-Chip Oscillator
– Watchdog Timer Module
• Peripheral Interrupt Expansion (PIE) Block That
Supports All 64 Peripheral Interrupts
• Endianness: Little Endian
• Enhanced Control Peripherals
– Eighteen Enhanced Pulse Width Modulator
(ePWM) Outputs
– Dedicated 16-Bit Time-Based Counter With
Period and Frequency Control
– Single-Edge, Dual-Edge Symmetric, or Dual-
Edge Asymmetric Outputs
– Dead-Band Generation
– PWM Chopping by High-Frequency Carrier
– Trip Zone Input
– Up to 9 HRPWM Outputs With 55-ps MEP
Resolution at VDD = 1.1 V (65 ps at 1.2 V)
– Six 32-Bit Enhanced Capture (eCAP) Modules
– Configurable as 3 Capture Inputs or
3 Auxiliary Pulse Width Modulator Outputs
– Single-Shot Capture of up to Four Event
Timestamps
– Three 32-Bit Quadrature Encoder Pulse (QEP)
Modules
– Six 32-Bit Timers and Nine 16-Bit Timers
• Three 32-Bit CPU Timers
• Serial Port Peripherals
– Up to 2 CAN Modules
– Up to 3 SCI (UART) Modules
– Up to 2 McBSP Modules (Configurable as SPI)
– Up to 2 SPI Modules
– One Inter-Integrated Circuit (I2C) Bus
• External ADC Interface
• Up to 88 Individually Programmable, Multiplexed
GPIO Pins With Input Filtering
• Advanced Emulation Features
– Analysis and Breakpoint Functions
– Real-Time Debug Using Hardware
• Package Options:
– 256-Ball Plastic Ball Grid Array (BGA) (ZFE)
– 179-Ball MicroStar BGA™ (ZHH)
• Temperature Options:
– T: –40°C to 105°C (ZFE, ZHH)
– S: –40°C to 125°C (ZFE)
– Q: –40°C to 125°C (ZFE)
(AEC Q100 Qualification for Automotive
Applications)
1.2
Applications
•
Industrial AC Inverter Drives
•
Industrial Servo Amplifiers and Controllers
•
Computer Numerical Control (CNC) Machining
•
Uninterruptible and Server Power Supplies
•
Telecom Equipment Power
•
Solar Inverters


Số phần tương tự - TMS320C28343

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C28343 TI-TMS320C28343 Datasheet
1Mb / 153P
Delfino Microcontrollers
TMS320C28343 TI-TMS320C28343 Datasheet
2Mb / 170P
Delfino Microcontrollers
TMS320C28343 TI1-TMS320C28343 Datasheet
2Mb / 170P
Delfino Microcontrollers
TMS320C28343 TI1-TMS320C28343 Datasheet
2Mb / 170P
Delfino Microcontrollers
TMS320C28343 TI-TMS320C28343 Datasheet
4Mb / 170P
TMS320C2834x Delfino Microcontrollers
More results

Mô tả tương tự - TMS320C28343

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
Dual-Core Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_15 Datasheet
2Mb / 170P
Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_17 Datasheet
2Mb / 213P
Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
Dual-Core Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_18 Datasheet
2Mb / 170P
Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
Dual-Core Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V02 Datasheet
4Mb / 170P
TMS320C2834x Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com