công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  TMS320C2834x Delfino Microcontrollers
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 80 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 76Page - Texas Instruments TMS320C28343 Datasheet HTML 77Page - Texas Instruments TMS320C28343 Datasheet HTML 78Page - Texas Instruments TMS320C28343 Datasheet HTML 79Page - Texas Instruments TMS320C28343 Datasheet HTML 80Page - Texas Instruments TMS320C28343 Datasheet HTML 81Page - Texas Instruments TMS320C28343 Datasheet HTML 82Page - Texas Instruments TMS320C28343 Datasheet HTML 83Page - Texas Instruments TMS320C28343 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 173 page
background image
80
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Specifications
Copyright © 2009–2018, Texas Instruments Incorporated
(1)
XWE1 is used in 32-bit data bus mode only. In 16-bit, this signal is XA0.
(2)
During inactive cycles, the XINTF address bus always holds the last address put out on the bus. This includes alignment cycles.
(3)
TW = trail period, write access (see Table 5-44)
5.9.6.8
External Interface Ready-on-Write Timing With One External Wait State
Table 5-53. External Interface Write Switching Characteristics (Ready-on-Write, One Wait State)
PARAMETER
MIN
MAX
UNIT
td(XCOH-XZCSL)
Delay time, XCLKOUT high to zone chip-select active low
0
2
ns
td(XCOHL-XZCSH)
Delay time, XCLKOUT high or low to zone chip-select inactive high
–0.2
0.9
ns
td(XCOH-XA)
Delay time, XCLKOUT high to address valid
1.5
ns
td(XCOHL-XWEL)
Delay time, XCLKOUT high/low to XWE0, XWE1 low(1)
–0.3
0.7
ns
td(XCOHL-XWEH)
Delay time, XCLKOUT high/low to XWE0, XWE1 high(1)
–0.5
0.5
ns
td(XCOH-XRNWL)
Delay time, XCLKOUT high to XR/W low
–0.2
1.5
ns
td(XCOHL-XRNWH)
Delay time, XCLKOUT high/low to XR/W high
0.3
0.6
ns
ten(XD)XWEL
Enable time, data bus driven from XWE0, XWE1 low
–7.5
ns
td(XWEL-XD)
Delay time, data valid after XWE0, XWE1 active low
0
4
ns
th(XA)XZCSH
Hold time, address valid after zone chip-select inactive high
(2)
ns
th(XD)XWE
Hold time, write data valid after XWE0, XWE1 inactive high(1)
TW – 7.5(3)
ns
tdis(XD)XRNW
Maximum time for processor to release the data bus after XR/W
inactive high
0
ns
(1)
The first XREADY (synchronous) sample occurs with respect to E in Figure 5-32:
E =(XWRLEAD + XWRACTIVE) tc(XTIM)
When first sampled, if XREADY (synchronous) is high, then the access will complete. If XREADY (synchronous) is low, it is sampled
again each tc(XTIM) until it is high.
For each sample, setup time from the beginning of the access can be calculated as:
F = (XWRLEAD + XWRACTIVE +n –1) tc(XTIM) – tsu(XRDYsynchL)XCOHL
where n is the sample number: n = 1, 2, 3, and so forth.
Table 5-54. Synchronous XREADY Timing Requirements (Ready-on-Write, One Wait State)(1)
MIN
MAX
UNIT
tsu(XRDYsynchL)XCOHL
Setup time, XREADY (synchronous) low before XCLKOUT high/low
8
ns
th(XRDYsynchL)
Hold time, XREADY (synchronous) low
1tc(XTIM)
ns
tsu(XRDYsynchH)XCOHL
Setup time, XREADY (synchronous) high before XCLKOUT high/low
8
ns
th(XRDYsynchH)XZCSH
Hold time, XREADY (synchronous) held high after zone chip select high
0
ns
(1)
The first XREADY (synchronous) sample occurs with respect to E in Figure 5-32:
E = (XWRLEAD + XWRACTIVE –2) tc(XTIM). When first sampled, if XREADY (asynchronous) is high, then the access will complete. If
XREADY (asynchronous) is low, it is sampled again each tc(XTIM) until it is high.
For each sample, setup time from the beginning of the access can be calculated as:
F = (XWRLEAD + XWRACTIVE –3 + n) tc(XTIM) – tsu(XRDYasynchL)XCOHL
where n is the sample number: n = 1, 2, 3, and so forth.
Table 5-55. Asynchronous XREADY Timing Requirements (Ready-on-Write, One Wait State)(1)
MIN
MAX
UNIT
tsu(XRDYasynchL)XCOHL
Setup time, XREADY (asynchronous) low before XCLKOUT high/low
8
ns
th(XRDYasynchL)
Hold time, XREADY (asynchronous) low
1tc(XTIM)
ns
tsu(XRDYasynchH)XCOHL
Setup time, XREADY (asynchronous) high before XCLKOUT high/low
8
ns
th(XRDYasynchH)XZCSH
Hold time, XREADY (asynchronous) held high after zone chip select high
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com