công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K112MHTXVLUTR bảng dữ liệu(PDF) 97 Page - NXP Semiconductors

tên linh kiện FS32K112MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112MHTXVLUTR bảng dữ liệu(HTML) 97 Page - NXP Semiconductors

Back Button FS32K112MHTXVLUTR Datasheet HTML 92Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 93Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 94Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 95Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 96Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 97Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 98Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 99Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
Table 57. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Fixed the typo in RSW1
• In LPSPI electrical specifications :
• Updated tLead and tLag
• Added footnote in Figure: LPSPI slave mode timing (CPHA = 0) and
Figure: LPSPI slave mode timing (CPHA = 1)
• In Thermal characteristics :
• Updated the name of table: Thermal characteristics for 32-pin QFN
and 48/64/100/144/176-pin LQFP package
• Deleted specs for RθJC for 32 QFN package
• Added 'RθJCBottom'
8
18 June 2018
• In attachement 'S32K1xx_Power_Modes _Configuration':
• Updated VLPR peripherals disabled and Peripherals Enabled use case
#1, using 4 Mhz for System clock, 2 Mhz for bus clock, and 1Mhz for
flash.
• Removed S32K116 from Notes
• In figure: S32K1xx product series comparison :
• Added note 'Availability of peripherals depends on the pin
availability ...'
• Updated 'Ambient Operation Temperature' row
• Updated 'System RAM (including FlexRAM and MTB)' row for
S32K144, S32K146, and S32K148
• In Ordering information :
• Updated figure for 'Y: Optional feature'
• Updated footnote 3
• In Power and ground pins :
• In figure 'Power diagram', updtaed VFlash frequency to 3.3 V
• In Power mode transition operating behaviors :
• Updated footnote for 'VLPS Mode: All clock sources disabled'
• In Power consumption :
• Added IDDs for S32K116
• Added VLPR Peripherals enabled use case 2 at 125 °C/Typicals
• Renamed VLPR 'Peripherals enabled' to 'Peripherals enabled use
case 1'
• Added footnote 'Data collected using RAM' to VLPR 'Peripherals
disabled' and VLPR 'Peripherals enabled use case 1'
• Updated VLPS Peripherals enabled at 25 °C/Typicals for S32K142 and
S32K144 to 40 μA and 42 μA respectively
• Added table 'VLPS additional use-case power consumption at typical
conditions'
• In DC electrical specifications at 3.3 V Range :
• Updated naming conventions
• Added specs for GPIO-FAST pad
• In DC electrical specifications at 5.0 V Range :
• Updated naming conventions
• Added specs for GPIO-FAST pad
• In AC electrical specifications at 3.3 V range :
• Updated naming conventions
• Added specs for GPIO-FAST pad
• In AC electrical specifications at 5 V range :
• Updated naming conventions
• Added specs for GPIO-FAST pad
• In External System Oscillator electrical specifications :
• Clarified description of gmXOSC
• Updated VIL max. to 1.15 V
• In Fast internal RC Oscillator (FIRC) electrical specifications :
Table continues on the next page...
Revision History
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com