công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K112MHTXVLUTR bảng dữ liệu(PDF) 46 Page - NXP Semiconductors

tên linh kiện FS32K112MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112MHTXVLUTR bảng dữ liệu(HTML) 46 Page - NXP Semiconductors

Back Button FS32K112MHTXVLUTR Datasheet HTML 42Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 43Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 44Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 45Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 46Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 47Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 48Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 49Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
Table 36. Flash command timing specifications for S32K14xW series (continued)
S32K142W
S32K144W
Symbol
Description-1
Typ
Max
Typ
Max
Unit
Notes
trdonce
Read Once
execution time
—
—
38
—
38
µs
tpgmonce
Program Once
execution time
—
100
—
100
—
µs
tersall
Erase All Blocks
execution time
—
160
2700
310
5300
ms
-1
tvfykey
Verify Backdoor
Access Key
execution time
—
—
45
—
45
µs
tersallu
Erase All Blocks
Unsecure execution
time
—
160
2700
310
5300
ms
-1
tpgmpart
Program Partition for
EEPROM execution
time
32 KB EEPROM
backup
77
—
77
—
ms
-1
64 KB EEPROM
backup
78
—
78
—
tsetram
Set FlexRAM
Function execution
time
Control Code 0xFF 0.10
—
0.10
—
ms
-1
32 KB EEPROM
backup
1.0
1.5
1.0
1.5
48 KB EEPROM
backup
1.2
1.8
1.2
1.8
64 KB EEPROM
backup
1.4
2.1
1.4
2.1
teewr32b
32-bit write to
FlexRAM execution
time
32 KB EEPROM
backup
690
2200
690
2200
µs
-1,-1
48 KB EEPROM
backup
790
2350
790
2350
64 KB EEPROM
backup
890
2500
890
2500
tquickwr
32-bit Quick Write
execution time: Time
from CCIF clearing
(start the write) until
CCIF setting (32-bit
write complete,
ready for next 32-bit
write)
1st 32-bit write
220
600
220
600
µs
-1,-1,-1
2nd through Next
to Last (Nth-1) 32-
bit write
165
600
165
600
Last (Nth) 32-bit
write (time for write
only, not cleanup)
220
600
220
600
tquickwrClnup
Quick Write Cleanup
execution time
—
—
(# of
Quick
Writes ) *
2.0
—
(# of
Quick
Writes ) *
2.0
ms
-1
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 12, 02/2020
46
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com