công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K112MHTXVLUTR bảng dữ liệu(PDF) 24 Page - NXP Semiconductors

tên linh kiện FS32K112MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112MHTXVLUTR bảng dữ liệu(HTML) 24 Page - NXP Semiconductors

Back Button FS32K112MHTXVLUTR Datasheet HTML 20Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 21Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 22Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 23Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 24Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 25Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 26Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 27Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
1.
Typical current numbers are indicative for typical silicon process and may vary based on the silicon distribution and user configuration. Typical conditions assumes
VDD = VDDA = VREFH = 5 V, temperature = 25 °C and typical silicon process unless otherwise stated. All output pins are floating and On-chip pulldown is enabled for
all unused input pins.
2.
Current numbers are for reduced configuration and may vary based on user configuration and silicon process variation.
3.
HSRUN mode must not be used at 125°C. Max ambient temperature for HSRUN mode is 105°C.
4.
Values mentioned for S32K14x devices are measured at RUN@80 MHz with peripherals disabled and values mentioned for S32K11x devices are measured at
RUN@48 MHz with peripherals disabled.
5.
With PMC_REGSC[CLKBIASDIS] set to 1. See Reference Manual for details.
6.
Data collected using RAM
7.
Numbers on limited samples size and data collected with Flash
8.
The S32K148 data points assume that ENET/QuadSPI/SAI etc. are inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com