công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K112MHTXVLUTR bảng dữ liệu(PDF) 27 Page - NXP Semiconductors

tên linh kiện FS32K112MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112MHTXVLUTR bảng dữ liệu(HTML) 27 Page - NXP Semiconductors

Back Button FS32K112MHTXVLUTR Datasheet HTML 23Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 24Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 25Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 26Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 27Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 28Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 29Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 30Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
The following table shows the power consumption targets for S32K148 in various mode
of operations measure at 3.3 V.
Table 15. Power consumption at 3.3 V
Chip/Device
Ambient
Temperature
(°C)
RUN@80 MHz (mA)
HSRUN@112 MHz (mA)1
Peripherals
enabled +
QSPI
Peripherals
enabled +
ENET + SAI
Peripherals
enabled +
QSPI
Peripherals
enabled +
ENET + SAI
S32K148
25
Typ
67.3
79.1
89.8
105.5
85
Typ
67.4
79.2
95.6
105.9
Max
82.5
88.2
109.7
117.4
105
Typ
68.0
79.8
96.6
106.7
Max
80.3
89.1
109.0
119.0
125
Max
83.5
94.7
NA
1. HSRUN mode must not be used at 125°C. Max ambient temperature for HSRUN mode is 105°C.
4.8 ESD handling ratings
Symbol
Description
Min.
Max.
Unit
Notes
VHBM
Electrostatic discharge voltage, human body model
− 4000
4000
V
1
VCDM
Electrostatic discharge voltage, charged-device model
2
All pins except the corner pins
− 500
500
V
Corner pins only
− 750
750
V
ILAT
Latch-up current at ambient temperature of 125 °C
− 100
100
mA
3
1. Determined according to JEDEC Standard JESD22-A114, Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM).
2. Determined according to JEDEC Standard JESD22-C101, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
3. Determined according to JEDEC Standard JESD78, IC Latch-Up Test.
4.9 EMC radiated emissions operating behaviors
EMC measurements to IC-level IEC standards are available from NXP on request.
General
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com