công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K112MHTXVLUTR bảng dữ liệu(PDF) 7 Page - NXP Semiconductors

tên linh kiện FS32K112MHTXVLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112MHTXVLUTR bảng dữ liệu(HTML) 7 Page - NXP Semiconductors

Back Button FS32K112MHTXVLUTR Datasheet HTML 3Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 4Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 5Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 6Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 7Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 8Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 9Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 10Page - NXP Semiconductors FS32K112MHTXVLUTR Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
EEPROM emulated by FlexRAM
FlexRAM
Cache
System RAM (including FlexRAM)
Flash
Single supply voltage
HSRUN mode
Watchdog
Number of I/Os
Memory Protection Unit (MPU)
Parameter
Peripheral speed
CRC module
IEEE-754 FPU
Core
External Watchdog Monitor (EWM)
DMA
Crossbar
ISO 26262
Cryptographic Services Engine (CSEc)
Frequency
Error Correcting Code (ECC)
Low Power Timer (LPTMR)
Low Power Interrupt Timer (LPIT)
LEGEND:
Not implemented
Available on the device
1 See Dimensions section of Datasheet for package drawings
Trigger mux (TRGMUX)
Real Time Counter (RTC)
FlexTimer (16-bit counter) 8 channels
External memory interface
10/100 Mbps IEEE-1588 Ethernet MAC
12-bit SAR ADC (1 Msps each)
FlexIO (8 pins configurable as UART, SPI, I2C, I2S)
Low Power I2C (LPI2C)
Low Power UART/LIN (LPUART)
(Supports LIN protocol versions 1.3, 2.0, 2.1, 2.2A, and SAE J2602)
Debug & trace
Packages1
Ecosystem
(IDE, compiler, debugger)
FlexCAN
(CAN-FD ISO/CD 11898-1)
Low Power SPI (LPSPI)
Serial Audio Interface (AC97, TDM, I2S)
Comparator with 8-bit DAC
Programmable Delay Block (PDB)
S32K14xW
S32K144W
1x
SWD, JTAG (ITM, SWV, SWO)
NXP S32 Design Studio (GCC) + SDK,
IAR, GHS, Arm®, Lauterbach, iSystems
48-pin LQFP
64-pin LQFP
1x (59)
1x
up to 80 MHz
Arm® Cortex
™-M4F
1x
capable up to ASIL-B
up to 80 MHz
4 KB (up to 64 KB D-Flash)
4 KB
4 KB
64 KB
-40oC to +150oC
512 KB
3.13 - 5.5 V
1x
1x
1x
2x
Ambient Operation Temperature (Ta)
FIRC CMU
Low power modes
58 (64-pin LQFP)
43 (48-pin LQFP)
64-pin LQFP: 2x(2x FD)
48-pin LQFP: 2x(2x FD)
48-pin LQFP: 2x
64-pin LQFP: 3x
48-pin LQFP: 2x
64-pin LQFP: 3x
48-pin LQFP: 4x (26 channels)
64-pin LQFP: 4x (30 channels)
48-pin LQFP: 1x (14 channels), 1x(9 channels)
64-pin LQFP: 1x (16 channels), 1x(13 channels)
48-pin LQFP: 1x (6 channels) 64-pin LQFP: 1x (8 channels)
S32K142W
256 KB
32 KB
Figure 4. S32K14xW product series comparison
Feature comparison
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com