| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W6100 bảng dữ liệu(PDF) 35 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 bảng dữ liệu(HTML) 35 Page - WIZnet Co., Ltd |
|
35 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 35/149 0 : Disable PING4 Interrupt 4 ARP6 IPv6 ARP Interrupt Mask 1 : Enable ARPv6 Interrupt 0 : Disable ARPv6 Interrupt 3 PING6 IPv6 PING Interrupt Mask 1 : Enable PINGv6 Interrupt 0 : Disable PINGv6 Interrupt 2 NS DAD NS Interrupt Mask 1 : Enable DAD NS Interrupt 0 : Disable DAD NS Interrupt 1 RS Auto configuration RS Interrupt Mask 1 : Enable AUTO RS Interrupt 0 : Disable AUTO RS Interrupt 0 RA RA Receive Interrupt Mask 1 : Enable RA RECV Interrupt 0 : Disable RA RECV Interrupt 4.1.15 SLIRCLR (SLIR Clear Register) [W1] [0x2128] [0x00] When the SLIRCLR bit corresponding to a specific bit of SLIR is written as '1', SLIR bit is cleared. 7 6 5 4 3 2 1 0 TOUT ARP4 PING4 ARP6 PING6 NS RS RA W1 W1 W1 W1 W1 W1 W1 W1 4.1.16 SLPSR (SOCKET-less Prefer Source IPv6 Address Register) [R=W] [0x212C] [0x00] SLPSR sets the source address of the IPv6 packet to be transmitted by the SLCR (SOCKET-less Command Register). Value Symbol Description 0x00 AUTO Select the source IPv6 address (SIP6) according to the destination IPv6 Address (SLDIP6R: SOCKET-less Destination IPv6 Address Register) If SLDIP6R is LLA, SIP6 is set to LLAR If SLDIP6R is GUA, SIP6 is set to GUAR 0x02 LLA SIP6 is fixed to LLAR. 0x03 GUA SIP6 is fixed to GUAR. |