| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W6100 bảng dữ liệu(PDF) 49 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 bảng dữ liệu(HTML) 49 Page - WIZnet Co., Ltd |
|
49 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 49/149 4.1.48 UIPR (Unreachable IP Address Register) [RO] [0x41A0-0x41A3] [0x0000_0000] UIPR is set to the destination IPv4 address of the received packet when receiving ICMPv4 Unreachable Packet (IR[UNR4] = '1'). Ex) Unreachable IP Address = “192.169.10.10” UIPR0(0x41A0) UIPR1(0x41A1) UIPR2(0x41A2) UIPR3(0x41A3) 192(0xC0) 168(0xA8) 10(0x0A) 10(0x0A) 4.1.49 UPORTR (Unreachable Port Register) [RO] [0x41A4-0x41A5] [0x0000] UPORTR is set to the destination port of the received packet when receiving ICMPv4 unreachable packet (IR[UNR4] = '1'). Ex) Unreachable PORT = “3000” (0x0BB8) UPORTR0(0x41A4) UPORTR1(0x41A5) 0x0B 0xB8 4.1.50 UIP6R (Unreachable IPv6 Address Register) [RO] [0x41B0-0x41BF] [0x0000_0000_0000_0000_0000_0000_0000_0000] UIP6R is set to the destination IPv6 address of the received packet when receiving ICMPv6 unreachable packet (IR[UNR6] = '1'). Ex) Unreachable IP is “FE80::AB:CDEF” UIP6R0(0x41B0) UIP6R1(0x41B1) UIP6R2(0x41B2) UIP6R3(0x41B3) 0xFE 0x80 0x00 0x00 UIP6R4(0x41B4) UIP6R5(0x41B5) UIP6R6(0x41B6) UIP6R7(0x41B7) 0x00 0x00 0x00 0x00 UIP6R8(0x41B8) UIP6R9(0x41B9) UIP6R10(0x41BA) UIP6R11(0x41BB) 0x00 0x00 0x00 0x00 UIP6R12(0x41BC) UIP6R13(0x41BD) UIP6R14(0x41BE) UIP6R15(0x41BF) 0x00 0xAB 0xCD 0xEF 4.1.51 UPORT6R (Unreachable IPv6 Port Register) [RO] [0x41C0-0x41C1] [0x0000] UPORT6R is set to the Destination Port of the received packet when receiving ICMPv6 Unreachable Packet (IR[UNR6] = '1'). Ex) Unreachable PORT is “3000” (0x0BB8) |