| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W6100 bảng dữ liệu(PDF) 44 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 bảng dữ liệu(HTML) 44 Page - WIZnet Co., Ltd |
|
44 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 44/149 PMNR(0x4104) 0x01 LCP Magic number = 0x01010101 4.1.32 PHAR (PPPoE Server Hardware Address Register on PPPoE) [R=W] [0x4108-0x410D] [0x0000] PHAR sets PPPoE destination hardware address. PHAR is valid only in PPPoE mode. Ex) PHAR = “11:22:33:AA:BB:CC” PHAR0(0x4108) PHAR1(0x4109) PHAR2(0x410A) 0x11 0x22 0x33 PHAR3(0x410B) PHAR4(0x410C) PHAR5(0x410D) 0xAA 0xBB 0xCC 4.1.33 PSIDR (PPPoE Session ID Register on PPPoE) [R=W] [0x4110-0x4111] [0x0000] PSIDR sets PPPoE session ID. PSIDR is valid only in PPPoE mode. Ex) PSIDR = 0x1234 PSIDR0(0x4110) PSIDR1(0x4111) 0x12 0x34 4.1.34 PMRUR (PPPoE Maximum Receive Unit Register) [R=W] [0x4114-0x4115] [0xFFFF] PMRUR sets the MRU (Maximum Receive Unit) in PPPoE mode. If PMRUR is set to a value larger than 1472, it is automatically set to 1472. PMRUR must be set before SOCKET creation (Sn_CR [OPEN] = '1'). PMRUR is valid only in PPPoE mode. Ex) PMUR = 1000 (0x03E8) PMUR0(0x4114) PMUR1(0x4115) 0x03 0xE8 4.1.35 SHAR (Source Hardware Address Register) [R=W] [0x4120-0x4125] [0x00000_0000_0000] |