| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W6100 bảng dữ liệu(PDF) 95 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W6100 bảng dữ liệu(HTML) 95 Page - WIZnet Co., Ltd |
|
95 / 149 page ![]() W6100 – Hardwired Dual TCP/IP Stack Controller 95/149 6.2.3.1 TCP DUAL SERVER ‘TCP DUAL SERVER’ operation flow is same to Figure 21. OPEN Open SOCKET n as TCPD mode. TCP Mode : TCP4, TCP6, TCPD { START : Sn_MR[3:0] = ‘1101’; /* set TCPD Mode */ Sn_PORTR[0:1] = {0x13,0x88}; /* set PORT Number, 5000(0x1388) */ Sn_CR[OPEN] = ‘1’; /* set OPEN Command */ while(Sn_CR != 0x00); /* wait until OPEN Command is cleared */ /* check SOCKET Status */ if(Sn_SR != SOCK_INIT) goto START; } Others flow Refer to 6.2.1 TCP SERVER 6.2.3.2 TCP DUAL CLIENT ‘TCP DUAL CLIENT’ operation flow is same to Figure 22. OPEN Refer to 6.2.3.1 TCP DUAL SERVER : OPEN CONNECT By Sn_CR[CONNECT] or Sn_CR[CONNECT6], SOCKET n sends SYN packet to destination. TCP4 : { /* set destination IP address, 192.168.0.11 */ Sn_DIPR[0:3] ={ 0xC0, 0xA8, 0x00, 0x0B}; /* set destination PORT number, 5000(0x1388) */ Sn_DPORTR[0:1] = {0x13, 0x88}; |