| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W5100S bảng dữ liệu(PDF) 92 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100S bảng dữ liệu(HTML) 92 Page - WIZnet Co., Ltd |
|
92 / 110 page ![]() 92 / 110 W5100S Datasheet Version1.2.5 Control Phase Control Phase consists of 8bits to set Read/Write Access Type. HOST asserts CSn from High to Low and, must after 2 SYS CLK, transmits Control Phase. Table 6 W5100 Mode SPI Command Access Type Value Write 0xF0 Read 0x0F Address Phase Address Phase consists of 16bits to set Register Block of the W5100S or 16bits start Offset Address of TX/RX Memory Block. Start Offset Address is automatically incremented by 1 for next Data Access. Data Phase Data phase consists of N-bytes data. HOST completes Data Access, must after 2 SYS CLK, de- asserts CSn from Low to High. Figure 17 SPI Frame |