| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W5100S bảng dữ liệu(PDF) 73 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100S bảng dữ liệu(HTML) 73 Page - WIZnet Co., Ltd |
|
73 / 110 page ![]() W5100S Datasheet Version1.2.5 73 / 110 4.4.4 Other Functions 4.4.4.1 UDP MAC Send When Peer MAC Address is known, UDP Mode SOCKET transmits Data Packet without the ARP Process by setting Sn_DHAR. (Ref 4.4.1 UDP Unicast : Send DATA? / Sending Process) 4.4.4.2 UDP SOCKET Options In UDP Mode, Unicast and Broadcast Packets are received. But if Sn_MR2 [BRDB] is set to ‘1’, Broadcast Packet is blocked. In UDP Multicast Mode, Unicast, Broadcast and Multicast Packets are received. But if Sn_MR2 [UNIB] or Sn_MR2 [BRDB] are set to ‘1’, Unicast or Broadcast Packets are blocked. These Block Bits must be set before Sn_CR [OPEN] Command. Sn_MR[MULTI] Sn_MR2[BRDB] Sn_MR2[UNIB] Unicast Multicast Broadcast 0 0 Don’t Care O X O 0 1 Don’t Care O X X 1 0 0 O O O 1 0 1 X O O 1 1 0 O O X 1 1 1 X O X 4.4.4.3 Port Unreachable Block If Peer transmits UDP Packet to a Port that does not exist on W5100S. W5100S automatically transmits ICMP Packet (Destination Port Unreachable) to Peer. But it could be the target for Port Scan Attack. But if MR2 [UDPURB] is set to ‘1’, W5100S does not transmit ICMP Packet (Destination Port Unreachable). |