| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
W5100S bảng dữ liệu(PDF) 77 Page - WIZnet Co., Ltd |
|
|
|||||||||||||||||||||||||||||
W5100S bảng dữ liệu(HTML) 77 Page - WIZnet Co., Ltd |
|
77 / 110 page ![]() W5100S Datasheet Version1.2.5 77 / 110 4.6 MACRAW MACRAW Mode supports Data Communication in Ethernet MAC and it is only using SOCKET 0. MACRAW Mode SOCKET 0 receives all Ethernet Packet or receiving Ethernet Packet (as Broadcast, Multicast and a Data Packet having the same Destination MAC Address with SHAR) is restricted by Sn_MR [MR]. And also Sn_MR2 can block receiving Broadcast, Multicast and IPv6 Packet. MACRAW Mode SOCKET 0 does not receive any Data Packet for other SOCKET but it receives ARP Request and PING Request (If IPRAW Mode SOCKET does not support ICMP). Even though MACRAW Mode SOCKET 0 receives ARP and PING Request, W5100S transmits automatically ARP and PING Reply. Figure 12 shows MACRAW Mode SOCKET 0 Operation Flow. OPEN Received DATA? Send DATA? Receiving Process Sending Process Closed? CLOSE YES NO NO NO YES YES YES Figure 12 MACRAW Operation Flow OPEN MACRAW Mode SOCKET 0 is opened. { START : /* set MACRAW Mode */ S0_MR = “0100”; /* MACRAW SOCKET Options */ /* |